Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2621 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2621
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2621 Datasheet(HTML) 4 Page - Linear Technology

  LTC2621 Datasheet HTML 1Page - Linear Technology LTC2621 Datasheet HTML 2Page - Linear Technology LTC2621 Datasheet HTML 3Page - Linear Technology LTC2621 Datasheet HTML 4Page - Linear Technology LTC2621 Datasheet HTML 5Page - Linear Technology LTC2621 Datasheet HTML 6Page - Linear Technology LTC2621 Datasheet HTML 7Page - Linear Technology LTC2621 Datasheet HTML 8Page - Linear Technology LTC2621 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2641/LTC2642
4
26412f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
VREF
Reference Input Range
●
2.0
VDD
V
RREF
Reference Input Resistance (Note 5)
Unipolar Mode (LTC2641)
Bipolar Mode (LTC2642)
●
●
11
8.5
14.8
11.4
k
Ω
k
Ω
Dynamic Performance—VOUT
SR
Voltage Output Slew Rate
Measured from 10% to 90%
15
V/μs
Output Settling Time
To ±0.5LSB of FS
1
μs
DAC Glitch Impulse
Major Carry Transition
0.5
nV•s
Digital Feedthrough
Code = 0000hex; NCS = VDD;
SCLK, DIN 0V to VDD Levels
0.2
nV•s
Dynamic Performance—Reference Input
BW
Reference –3dB Bandwidth
Code = FFFFhex
1.3
MHz
Reference Feedthrough
Code = 0000hex, VREF = 1VP-P at 100kHz
1
mVP-P
SNR
Signal-to-Noise Ratio
92
dB
CIN(REF)
Reference Input Capacitance
Code = 0000hex
Code = FFFFhex
75
120
pF
pF
Digital Inputs
VIH
Digital Input High Voltage
VCC = 3.6V to 5.5V
VCC = 2.7V to 3.6V
●
●
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
●
●
0.8
0.6
V
V
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless
otherwise specified.
SYMBOL PARAMETER
CONDITIONS
LTC2641-12
LTC2642-12
LTC2641-14
LTC2642-14
LTC2641-16
LTC2642-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Static Peformance
N
Resolution
●
12
14
16
Bits
Monotonicity
●
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
●
±0.5
±0.5
±1
±0.5
±1
LSB
INL
Integral Nonlinearity
(Note 2)
●
±0.5
±0.5
±1
±0.5
±2
LSB
ZSE
Zero Code Offset Error
Code = 0
●
122
LSB
ZSTC
Zero Code Tempco
±0.05
±0.05
±0.05
ppm/°C
GE
Gain Error
●
±0.5
±2
±1
±4
±2
±5
LSB
GETC
Gain Error Tempco
±0.1
±0.1
±0.1
ppm/°C
ROUT
DAC Output Resistance
(Note 4)
6.2
6.2
6.2
k
Ω
Bipolar Resistor Matching
(LTC2642) RFB/RINV
111
Ratio Error (Note 7)
●
±0.1
±0.03
±0.015
%
BZE
Bipolar Zero Offset Error
(LTC2642)
●
±0.5
±2
±0.5
±4
±2
±5
LSB
BZSTC
Bipolar Zero Tempco
(LTC2642)
±0.1
±0.1
±0.1
ppm/°C
PSR
Power Supply Rejection
ΔVDD = ±10%
●
±0.5
±0.5
±1
LSB
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com