Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP602T-EST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP602T-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP602T-EST Datasheet(HTML) 1 Page - Microchip Technology

  MCP602T-EST Datasheet HTML 1Page - Microchip Technology MCP602T-EST Datasheet HTML 2Page - Microchip Technology MCP602T-EST Datasheet HTML 3Page - Microchip Technology MCP602T-EST Datasheet HTML 4Page - Microchip Technology MCP602T-EST Datasheet HTML 5Page - Microchip Technology MCP602T-EST Datasheet HTML 6Page - Microchip Technology MCP602T-EST Datasheet HTML 7Page - Microchip Technology MCP602T-EST Datasheet HTML 8Page - Microchip Technology MCP602T-EST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 1
MCP601/1R/2/3/4
Features
• Single-Supply: 2.7V to 6.0V
• Rail-to-Rail Output
• Input Range Includes Ground
• Gain Bandwidth Product: 2.8 MHz (typical)
• Unity-Gain Stable
• Low Quiescent Current: 230 µA/amplifier (typical)
• Chip Select (CS):
MCP603 only
• Temperature Ranges:
- Industrial:
-40°C to +85°C
- Extended: -40°C to +125°C
• Available in Single, Dual, and Quad
Typical Applications
• Portable Equipment
• A/D Converter Driver
• Photo Diode Pre-amp
• Analog Filters
• Data Acquisition
• Notebooks and PDAs
• Sensor Interface
Available Tools
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Simulation Tool
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Description
The Microchip Technology Inc. MCP601/1R/2/3/4
family of low-power operational amplifiers (op amps)
are offered in single (MCP601), single with Chip Select
(CS) (MCP603), dual (MCP602), and quad (MCP604)
configurations. These op amps utilize an advanced
CMOS technology that provides low bias current, high-
speed operation, high open-loop gain, and rail-to-rail
output swing. This product offering operates with a
single supply voltage that can be as low as 2.7V, while
drawing 230 µA (typical) of quiescent current per
amplifier. In addition, the common mode input voltage
range goes 0.3V
below ground,
making
these
amplifiers ideal for single-supply operation.
These devices are appropriate for low power, battery
operated circuits due to the low quiescent current, for
A/D convert driver amplifiers because of their wide
bandwidth or for anti-aliasing filters by virtue of their low
input bias current.
The MCP601, MCP602, and MCP603 are available in
standard 8-lead PDIP, SOIC, and TSSOP packages.
The MCP601 and MCP601R are also available in a
standard 5-lead SOT-23 package, while the MCP603 is
available in a standard 6-lead SOT-23 package. The
MCP604 is offered in standard 14-lead PDIP, SOIC,
and TSSOP packages.
The MCP601/1R/2/3/4 family is available in the
Industrial and Extended temperature ranges and has a
power supply range of 2.7V to 6.0V.
Package Types
VIN+
VIN–
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
NC
NC
NC
VINA+
VINA–
VDD
VINC+
VSS
VOUTC
VINC–
VOUTA
VINB+
VIND–
VOUTD
VOUTB
VINB–
VIND+
VINA+
VINA–
VSS
VINB–
VOUTB
1
2
3
4
8
7
6
5
VDD
VINB+
VOUTA
MCP601
PDIP, SOIC, TSSOP
MCP604
PDIP, SOIC, TSSOP
MCP602
PDIP, SOIC, TSSOP
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP601
SOT23-5
VIN+
VSS
VIN–
1
2
3
6
4
VDD
VOUT
MCP603
SOT23-6
CS
5
VIN+
VIN–
VSS
VOUT
VDD
1
2
3
4
8
7
6
5
CS
NC
NC
MCP603
PDIP, SOIC, TSSOP
14
13
12
1
2
3
4
5
6
7
11
10
9
8
VIN+
VDD
VIN–
1
2
3
5
4
VSS
VOUT
MCP601R
SOT23-5
2.7V to 6.0V Single Supply CMOS Op Amps


Similar Part No. - MCP602T-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP602T-EST MICROCHIP-MCP602T-EST Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
More results

Similar Description - MCP602T-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com