Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2854CDDPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2854CDDPBF
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2854CDDPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2854CDDPBF Datasheet HTML 1Page - Linear Technology LTC2854CDDPBF Datasheet HTML 2Page - Linear Technology LTC2854CDDPBF Datasheet HTML 3Page - Linear Technology LTC2854CDDPBF Datasheet HTML 4Page - Linear Technology LTC2854CDDPBF Datasheet HTML 5Page - Linear Technology LTC2854CDDPBF Datasheet HTML 6Page - Linear Technology LTC2854CDDPBF Datasheet HTML 7Page - Linear Technology LTC2854CDDPBF Datasheet HTML 8Page - Linear Technology LTC2854CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2854/LTC2855
3
285455fa
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted (Note 2).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
|VOD|
Differential Driver Output Voltage
R = ∞, VCC = 3V (Figure 1)
R = 27Ω, VCC = 3V (Figure 1)
R = 50Ω, VCC = 3.13V (Figure 1)
●
●
●
1.5
2
VCC
VCC
VCC
V
V
V
Δ|VOD|
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
●
0.2
V
VOC
Driver Common Mode Output Voltage
R = 27Ω or R = 50Ω (Figure 1)
●
3V
Δ|VOC|
Change in Magnitude of Driver
Common Mode Output Voltage for
Complementary Output States
R = 27Ω or R = 50Ω (Figure 1)
●
0.2
V
IOZD
Driver Three-State (High Impedance)
Output Current on Y and Z
DE = OV, (Y or Z) = –7V, 12V (LTC2855)
●
±10
μA
IOSD
Maximum Driver Short-Circuit Current
–7V ≤ (Y or Z) ≤ 12V (Figure 2)
●
–250
180
±250
300
mA
mA
Receiver
IIN
Receiver Input Current (A, B)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (C, I-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (C, I-Grade)
●
●
–100
125
μA
μA
DE = TE = 0V, VCC = 0V or 3.3V, VIN = 12V
(Figure 3) (H-Grade)
DE = TE = 0V, VCC = 0V or 3.3V, VIN = –7V,
(Figure 3) (H-Grade)
●
●
–145
250
μA
μA
RIN
Receiver Input Resistance
⎯R⎯E = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(C, I-Grade)
●
96
125
kΩ
⎯R⎯E = VCC or 0V, DE = TE = 0V,
VIN = –7V, –3V, 3V, 7V, 12V (Figure 3)
(H-Grade)
●
48
125
kΩ
VTH
Receiver Differential Input Threshold
Voltage
–7V ≤ B ≤ 12V
●
±0.2
V
ΔVTH
Receiver Input Hysteresis
B = 0V
25
mV
VOH
Receiver Output HIGH Voltage
I(RO) = –4mA, A-B = 200mV, VCC = 3V
●
2.4
V
VOL
Receiver Output LOW Voltage
I(RO) = 4mA, A-B = –200mV, VCC = 3V
●
0.4
V
IOZR
Receiver Three-State (High Impedance)
Output Current on RO
⎯R⎯E = VCC, 0V ≤ RO ≤ VCC
●
±1
μA
IOSR
Receiver Short-Circuit Current
0V ≤ RO ≤ VCC
●
±85
mA
RTERM
Receiver Input Terminating Resistor
TE = VCC, VAB = 2V, VB = –7V, 0V, 10V
(Figure 8)
●
108
120
156
Ω
Logic
VIH
Logic Input High Voltage
VCC = 3.6V
●
2V
VIL
Logic Input Low Voltage
VCC = 3V
●
0.8
V
IINL
Logic Input Current
●
0
±10
μA
Supplies
ICCS
Supply Current in Shutdown Mode
DE = 0V, ⎯R⎯E = VCC, TE = 0V
(LTC2854C/LTC2854I, LTC2855C/LTC2855I)
(LTC2854H, LTC2855H)
●
●
0
0
5
15
μA
μA
ICCR
Supply Current in Receive Mode
DE = 0V, ⎯R⎯E = 0V, TE = 0V
●
370
900
μA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com