Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2854CDDPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2854CDDPBF
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2854CDDPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2854CDDPBF Datasheet HTML 1Page - Linear Technology LTC2854CDDPBF Datasheet HTML 2Page - Linear Technology LTC2854CDDPBF Datasheet HTML 3Page - Linear Technology LTC2854CDDPBF Datasheet HTML 4Page - Linear Technology LTC2854CDDPBF Datasheet HTML 5Page - Linear Technology LTC2854CDDPBF Datasheet HTML 6Page - Linear Technology LTC2854CDDPBF Datasheet HTML 7Page - Linear Technology LTC2854CDDPBF Datasheet HTML 8Page - Linear Technology LTC2854CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2854/LTC2855
4
285455fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver
fMAX
Maximum Data Rate
Note 3
●
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
10
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD-tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
16
ns
tSKEWD
Driver Output Y to Output Z
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
1
±6
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
●
4
12.5
ns
tZLD, tZHD, tLZD,
tHZD
Driver Enable or Disable Time
RL = 500Ω, CL = 50pF, ⎯R⎯E = 0 (Figure 5)
●
70
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 500Ω, CL = 50pF, ⎯R⎯E = VCC (Figure 5)
●
8μs
tSHDN
Time to Shutdown
(DE = ↓, ⎯R⎯E = VCC) or (DE = 0, ⎯R⎯E ↑)
(Figure 5)
●
100
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output
CL = 15pF, VCM = 1.5V, |VAB| = 1.5V, tR and
tF < 4ns (Figure 6)
●
50
70
ns
tSKEWR
Differential Receiver Skew
|tPLHR-tPHLR|
CL = 15pF (Figure 6)
●
16
ns
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
●
3
12.5
ns
tZLR, tZHR, tLZR,
tHZR
Receiver Enable/Disable
RL = 1k, CL =15pF, DE = VCC (Figure 7)
●
50
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 1k, CL = 15pF, DE = 0V (Figure 7)
●
8μs
tRTEN, tRTZ
Termination Enable or Disable Time
VB = 0V, VAB = 2V, ⎯R⎯E = VCC, DE = 0V
(Figure 8)
●
100
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICCT
Supply Current in Transmit Mode
No Load, DE = VCC, ⎯R⎯E = VCC, TE = 0V
●
450
1000
μA
ICCTR
Supply Current with Both Driver and
Receiver Enabled
No Load, DE = VCC, ⎯R⎯E = 0V, TE = 0V
●
450
1000
μA
ICCTERM
Supply Current in Termination Mode
DE = 0V, ⎯R⎯E = VCC, TE = VCC
●
110
180
μA
ICCTERMR
Supply Current in Receive and
Termination Mode
DE = 0V, ⎯R⎯E = 0V, TE = VCC
●
450
950
μA
ICCTERMT
Supply Current in Transmit and
Termination Mode
DE = VCC, ⎯R⎯E = VCC, TE = VCC
●
470
1000
μA
ICCTERMTR
Supply Current with Driver, Receiver
and Termination Enabled
DE = VCC, ⎯R⎯E = 0V, TE = VCC
●
470
1000
μA
ESD Protection
ESD Protection for RS485/RS422 Pins
A, B on LTC2854, Human Body Model
Y, Z, A, B on LTC2855, Human Body Model
±25
±15
kV
kV
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, TE = 0V unless otherwise noted (Note 2).
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions.
Overtemperature protection activates at a junction temperature exceeding
150°C. Continuous operation above the specified maximum operating
junction temperature may result in device degradation or failure.
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, TE = 0V unless otherwise noted (Note 2).
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com