Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4524AEVB
Description  28V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4524AEVB Datasheet HTML 8Page - Semtech Corporation SC4524AEVB Datasheet HTML 9Page - Semtech Corporation SC4524AEVB Datasheet HTML 10Page - Semtech Corporation SC4524AEVB Datasheet HTML 11Page - Semtech Corporation SC4524AEVB Datasheet HTML 12Page - Semtech Corporation SC4524AEVB Datasheet HTML 13Page - Semtech Corporation SC4524AEVB Datasheet HTML 14Page - Semtech Corporation SC4524AEVB Datasheet HTML 15Page - Semtech Corporation SC4524AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
diodes should have an average forward current rating
at least 2A and a reverse blocking voltage of at least a
few volts higher than the input voltage. For switching
regulators operating at low duty cycles (i.e. low output
voltage to input voltage conversion ratios), it is beneficial
to use freewheeling diodes with somewhat higher
average current ratings (thus lower forward voltages). This
is because the diode conduction interval is much longer
than that of the transistor. Converter efficiency will be
improved if the voltage drop across the diode is lower.
The freewheeling diode should be placed close to the
SW pin of the SC4524A to minimize ringing due to trace
inductance. 20BQ030 (International Rectifier), B230A
(Diodes Inc.), SS3, SS23 (Vishay), CMSH-40M, CMSH-
40ML and CMSH2-40M (Central-Semi.) are all suitable.
The freewheeling diode should be placed close to the SW
pin of the SC4524A on the PCB to minimize ringing due to
trace inductance.
Bootstrapping the Power Transistor
The typical minimum BST-SW voltage required to fully
saturate the power transistor is shown in Figure 5, which
is about .96V at room temperature.
The BST-SW voltage is supplied by a bootstrap circuit
powered from either the input or the output of the
converter (Figure 6). To maximize efficiency, tie the
bootstrap diode to the converter output if V
O>2.5V.
Since the bootstrap supply current is proportional to the
converter load current, using a lower voltage to power
the bootstrap circuit reduces driving loss and improves
efficiency.
For the bootstrap circuit, a fast switching PN diode (such
as N448 or N94) and a small (0.µF – 0.47µF) ceramic
capacitor is sufficient for most applications. When
bootstrapping from 2.5V to 3.0V output voltages, use a
low forward drop Schottky diode (BAT-54 or similar) for
D
. When bootstrapping from high input voltages (>20V),
reduce the maximum BST voltage by connecting a Zener
diode (D
3) in series with D.
Figure 5. Typical Minimum Bootstrap Voltage required
to Saturate Transistor (I
SW= -2.6A).
Figure 6. Methods of Bootstrapping the SC4524A
Loop Compensation
The goal of compensation is to shape the frequency
response of the converter so as to achieve high DC
accuracy and fast transient response while maintaining
loop stability.
Fig.5
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW = -2.6A
Fig.5
Minimum Bootstrap Voltage
vs Temperature
1.6
1.7
1.8
1.9
2.0
2.1
2.2
-50 -25
0
25
50
75 100 125
Temperature (oC)
SS270 REV 6-7
ISW = -2.6A
(a)
SC4524A
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
D1
(b)
SC4524A
BST
GND
IN
SW
VOUT
C1
VIN
D2
D3
(a)
SC4524A
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
D1
(b)
SC4524A
BST
GND
IN
SW
VOUT
C1
VIN
D2
D3
(a)
SC4524A
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
D1
(b)
SC4524A
BST
GND
IN
SW
VOUT
C1
VIN
D2
D3
(a)
SC4524A
BST
GND
IN
SW
D1
VOUT
C1
VIN
D2
D1
(b)
SC4524A
BST
GND
IN
SW
VOUT
C1
VIN
D2
D3
SC4524A
2
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com