Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524AEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524AEVB
Description  28V 2A Step-Down Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524AEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524AEVB Datasheet HTML 1Page - Semtech Corporation SC4524AEVB Datasheet HTML 2Page - Semtech Corporation SC4524AEVB Datasheet HTML 3Page - Semtech Corporation SC4524AEVB Datasheet HTML 4Page - Semtech Corporation SC4524AEVB Datasheet HTML 5Page - Semtech Corporation SC4524AEVB Datasheet HTML 6Page - Semtech Corporation SC4524AEVB Datasheet HTML 7Page - Semtech Corporation SC4524AEVB Datasheet HTML 8Page - Semtech Corporation SC4524AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
POWER MANAGEMENT
November 2, 2007

28V 2A Step-Down Switching Regulator
SC4524A
Typical Application Circuit
Features
Wide input range: 3V to 28V
2A Output Current
200kHz to 2MHz Programmable Frequency
Precision V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Description
The SC4524A is a constant frequency peak current-mode
step-down switching regulator capable of producing 2A
output current from an input ranging from 3V to 28V. The
switching frequency of the SC4524A is programmable
up to 2MHz, allowing the use of small inductors and
ceramic capacitors for miniaturization, and high input/
output conversion ratio. The SC4524A is suitable for
next generation XDSL modems, high-definition TVs and
various point of load applications.
Peak current-mode PWM control employed in the
SC4524A achieves fast transient response with simple loop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4524A is available in SOIC-8 EDP package.
Figure 1. 1MHz 10V-28V to 5V/2A Step-down Converter
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
VIN = 24V
SS270 REV 4
VIN = 12V
Efficiency of the 1MHz 10V-28V to 5V/2A Step-Down Converter (Front Page)
12
12
SC4524A
GND
IN
SW
BST
L1
8.2mH
C1
0.1mF
SS/EN
COMP
FB
D2
20BQ030
10.5k
R6
42.2k
10nF
C8
10pF
C5
2.2nF
L1: Coiltronics DR73-8R2
OUT
5V/2A
D1
1N4148
10V – 28V
ROSC
C2: Murata GRM31CR60J226K
C4
2.2mF
C4: Murata GRM31CR71H225K
VIN
C2
22mF
C7
R4
18.2k
R5
28.0k
R7
1MHz 10V-28V to 5V/2A Step-Down Converter (Front Page Schematic)


Similar Part No. - SC4524AEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
More results

Similar Description - SC4524AEVB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Semtech Corporation
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524C SEMTECH-SC4524C Datasheet
802Kb / 21P
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
logo
Semtech Corporation
SC4524E SEMTECH-SC4524E Datasheet
869Kb / 23P
28V 2A Step-Down Switching Regulator
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com