Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 3 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4223-1/LTC4223-2
3
422312f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C, VCC = 3.3V, VAUXIN = 3.3V, V12VIN =12V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VDD
Input Supply Range
VCC
AUXIN
12VIN
●
●
●
2.7
2.7
10
6
6
14
V
V
V
IDD
Input Supply Current
VCC
AUXIN
12VIN
●
●
●
0.8
0.4
0.6
2
1
1
mA
mA
mA
VDD(UVLO)
Input Supply Undervoltage Lockout
VCC Rising
VAUXIN Rising
V12VIN Rising
●
●
●
2.3
2.4
9.4
2.45
2.5
9.7
2.6
2.6
10
V
V
V
ΔVDD(UVLO,
HYST)
Input Supply Undervoltage Lockout
Hysteresis
VCC
AUXIN
12VIN
●
●
●
40
70
70
110
110
110
180
150
150
mV
mV
mV
Current Limit
ΔVSENSE(CB)
Circuit Breaker Trip Sense Voltage,
(V12VIN – V12VSENSE)
●
47.5
50
52.5
mV
ΔVSENSE(ACL)
Active Current Limit Sense Voltage,
(V12VIN – V12VSENSE)
●
54
60
66
mV
IAUX(ACL)
AUXOUT Active Current Limit
VAUXOUT = 0V
●
165
240
330
mA
Integrated Switch
RDS(ON)
Switch Resistance
(VAUXIN – VAUXOUT)/IAUXOUT
IAUXOUT = 150mA (Note 4)
●
0.3
0.5
Ω
Gate Drive
ΔVGATE
External N-Channel Gate Drive
(V12VGATE – V12VOUT)
(Note 3)
●
4.5
6.2
7.9
V
IGATE(UP)
External N-Channel Gate Pull-Up Current
Gate Drive On, V12VGATE = 0V
●
–7
–10
–14
μA
IGATE(DN)
External N-Channel Gate Pull-Down Current
Gate Drive Off
V12VGATE = 17V, V12VOUT = 12V
●
0.5
1
2
mA
IGATE(FPD)
External N-Channel Gate Fast Pull-Down
Current
Fast Turn Off
V12VGATE = 17V, V12VOUT = 12V
●
90
160
250
mA
Current Sense
G12IMON
12IMON Pin Gain Ratio
ΔV12IMON/Δ(V12VIN – V12VSENSE)
(V12VIN – V12VSENSE) = (75mV, 25mV)
●
30
33
36
V/V
V12IMON
12IMON Pin Output Voltage
(V12VIN – V12VSENSE) = 75mV, VCC = 2.7V
●
2.25
2.475
2.7
V
ΔVSENSE(MAX) 12IMON Pin Maximum Input Sense Voltage
●
82.5
mV
V12IMON(CLP)
12IMON Pin Clamp Voltage
(V12VIN – V12VSENSE) = 150mV, VCC = 2.7V
●
2.9
3.2
3.5
V
R12IMON
12IMON Pin Output Resistance
(V12VIN – V12VSENSE) = 0V
●
115
165
215
kΩ
V12IMON(MIN)
12IMON Pin Minimum Output Voltage
(V12VIN – V12VSENSE) = 0V
●
0
130
mV
Comparator Inputs
VPG(TH)
Power Good Threshold Voltage
V12VOUT Falling
VAUXOUT Falling
●
●
10
2.8
10.3
2.885
10.6
2.97
V
V
VPG(HYST)
Power Good Hysteresis
V12VOUT
VAUXOUT
●
●
20
5
60
16
110
30
mV
mV
VTMR(TH)
TIMER Pin Threshold Voltage
VTIMER Rising
VTIMER Falling
●
●
1.198
0.15
1.235
0.2
1.272
0.25
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com