Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1421 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1421
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1421 Datasheet(HTML) 5 Page - Linear Technology

  LTC1421 Datasheet HTML 1Page - Linear Technology LTC1421 Datasheet HTML 2Page - Linear Technology LTC1421 Datasheet HTML 3Page - Linear Technology LTC1421 Datasheet HTML 4Page - Linear Technology LTC1421 Datasheet HTML 5Page - Linear Technology LTC1421 Datasheet HTML 6Page - Linear Technology LTC1421 Datasheet HTML 7Page - Linear Technology LTC1421 Datasheet HTML 8Page - Linear Technology LTC1421 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4223-1/LTC4223-2
5
422312f
VCC (V)
2.5
0
0.4
0.8
1.2
1.6
3.0
3.5
4.0
4.5
422312 G01
5.0
5.5
6.0
TEMPERATURE (
°C)
–50
0
0.2
0.4
0.6
0.8
1.0
–25
025
50
422312 G02
75
100
12VIN
VCC
AUXIN
TEMPERATURE (
°C)
422312 G03
–50
31
32
33
34
35
–25
0
25
50
70
100
SENSE VOLTAGE (mV)
0
0
1
2
3
4
20
40
60
80
422312 G04
100
120
140
TEMPERATURE (
°C)
422312 G05
RISING
FALLING
–50
10.0
10.1
10.2
10.3
10.4
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G06
RISING
FALLING
–50
2.84
2.86
2.88
2.90
2.92
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G07
–50
48
49
50
51
52
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G08
–50
58
59
60
61
62
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
200
210
220
230
240
250
–25
025
50
422312 G09
75
100
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs VCC
Supply Current vs Temperature
12IMON Gain Ratio vs
Temperature
12IMON Output Voltage vs Sense
Voltage
12VOUT Power-Good Threshold vs
Temperature
AUXOUT Power-Good Threshold
vs Temperature
Circuit Breaker Trip Voltage vs
Temperature
Active Current Limit Sense
Voltage vs Temperature
AUX Active Current Limit vs
Temperature
Specifications are TA = 25°C, VCC = 3.3V, VAUXIN =
3.3V, V12VIN =12V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com