Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M047TMA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS91M047TMA/NOPB
Description  DS91M047 125 MHz Quad M-LVDS Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M047TMA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS91M047TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DE
DE
DI0
DI1
DI2
DI3
B0
A0
B1
A1
B2
A2
B3
A3
DE
DI0
DI1
VDD
B0
A0
A1
B1
1
2
3
4
16
14
13
15
GND
DI2
DI3
DE
5
6
7
8
B2
A2
A3
B3
12
10
9
11
DS91M047
SNLS145E – JUNE 2008 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
PIN DESCRIPTIONS
Pin No.
Name
Description
2, 3, 6, 7
DI
Driver input pin, LVCMOS compatible.
10, 11, 14, 15
A
Non-inverting driver output pin, M-LVDS levels.
9, 12, 13, 16
B
Inverting driver output pin, M-LVDS levels.
1
DE
Driver enable pin: When DE is low, the driver is disabled. When DE is high and DE is low or open, the
driver is enabled. If both DE and DE are open circuit, then the driver is disabled.
8
DE
Driver enable pin: When DE is high, the driver is disabled. When DE is low or open and DE is high, the
driver is enabled. If both DE and DE are open circuit, then the driver is disabled.
4
VDD
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
TRUTH TABLE
Enables
Input
Outputs
DE
DE
DI
A
B
L
L
H
H
L
H
H
L
All other combinations of ENABLE inputs
X
Z
Z
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS91M047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com