Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91M047TMA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS91M047TMA/NOPB
Description  DS91M047 125 MHz Quad M-LVDS Line Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91M047TMA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS91M047TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DS91M047
www.ti.com
SNLS145E – JUNE 2008 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Power Supply Voltage
−0.3V to +4V
LVCMOS Input Voltage
−0.3V to (VDD + 0.3V)
M-LVDS Output Voltage
−1.9V to +5.5V
M-LVDS Output Short Circuit Current Duration
Continuous
Junction Temperature
+140°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
Soldering (4 sec.)
+260°C
Maximum Package Power Dissipation @ +25°C
D Package
2.21W
Derate D Package
19.2 mW/°C above +25°C
Package Thermal Resistance (4-Layer, 2 oz. Cu,
θJA
+52°C/W
JEDEC)
θJC
+19°C/W
ESD Susceptibility
HBM
≥8 kV
MM
≥250V
CDM
≥1250V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the is not implied. The Recommended Operating Conditions indicate conditions at which the
device is functional and the device should not be operated beyond such conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage (VDD)
+3.0
+3.3
+3.6
V
Voltage at Any Bus Terminal (Separate or Common-Mode)
−1.4
+3.8
V
High Level Input Voltage (VIH)
2.0
VDD
V
Low Level Input Voltage (VIL)
0
0.8
V
Operating Free Air Temperature (TA)
−40
+25
+85
°C
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS91M047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com