Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC401 Datasheet(PDF) 1 Page - Texas Instruments

Part # FPC401
Description  FPC401 Quad Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FPC401 Datasheet(HTML) 1 Page - Texas Instruments

  FPC401 Datasheet HTML 1Page - Texas Instruments FPC401 Datasheet HTML 2Page - Texas Instruments FPC401 Datasheet HTML 3Page - Texas Instruments FPC401 Datasheet HTML 4Page - Texas Instruments FPC401 Datasheet HTML 5Page - Texas Instruments FPC401 Datasheet HTML 6Page - Texas Instruments FPC401 Datasheet HTML 7Page - Texas Instruments FPC401 Datasheet HTML 8Page - Texas Instruments FPC401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FPC401 QUAD PORT CONTROLLER
HOST
CONTROLLER
PORT 0
SCL
INT
SDA
QSFP
PORT 1
QSFP
PORT 2
PORT 3
I2C,
STATUS,
CONTROL
FPC401 QUAD PORT CONTROLLER
PORT 0
QSFP
PORT 1
QSFP
PORT 2
SFP
PORT 3
SFP
I2C,
STATUS,
CONTROL
QSFP
QSFP
PORT 0
PORT 1
PORT2
PORT 3
PORT 4
PORT 5
PORT 6
PORT 7
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
FPC401
SNLS553 – DECEMBER 2016
FPC401 Quad Port Controller
1
1 Features
1
•
Supports Control Signal Management and I2C
Aggregation Across Four Ports
•
Combine Multiple FPC401s to Control 56 Total
Ports Through a Single Host Interface
•
Eliminates Need for Discrete I2C Muxes, LED
Drivers, and High-Pin-Count FPGA/CPLD Control
Devices
•
Reduces PCB Routing Complexity by Handling All
Low-Speed Control Signals Close to the Port
•
Selectable I2C (Up to 1 MHz) or SPI (Up to 10
MHz) Host Control Interface
•
Automatic Pre-Fetching of Critical, User-Specified
Data From the Modules
•
Low Single-Port and Multi-Port Read/Write
Latency: <50 µs for SPI Mode, <400 µs for I2C
Mode
•
Broadcast Mode Allows Writes to All Ports
Simultaneously Across All FPC401 Controllers
•
Advanced LED Features for Port Status
Indication, Including Programmable Blinking and
Dimming
•
Customizable Interrupt Events
•
Separate Host-Side I/O Voltage: 1.8-V to 3.3-V
•
Small QFN Package Enabling Placement on
Bottom Side of PCB Underneath Ports
2 Applications
•
ToR/Aggregation/Core Switch and Router
SFP+/QSFP+ Port Control
•
SAS External Cable Management Interface
Control
•
Video Switch & Router SFP+/QSFP+ Port Control
3 Description
The FPC401 quad port controller serves as a low-
speed signal aggregator for common port types such
as SFP+, QSFP+, and SAS. The FPC401 aggregates
all low-speed control and I2C signals across four
ports and presents a single easy-to-use management
interface to the host (I2C or SPI). Multiple FPC401s
can be used in high-port-count applications with one
common control interface to the host. The FPC401 is
designed to allow placement on the bottom side of
the PCB, underneath the press fit connector, to
simplify routing. This localized control of the ports’
low-speed signals cuts system BOM cost by enabling
the use of smaller IO count control devices (FPGAs,
CPLDs,
MCUs)
and
by
reducing
routing
layer
congestion.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FPC401
QFN (56)
5.00 mm × 11.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - FPC401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC401 TI1-FPC401 Datasheet
160Kb / 7P
Quad Port Controller
FPC401RHUR TI1-FPC401RHUR Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC401RHUT TI1-FPC401RHUT Datasheet
711Kb / 10P
FPC401 Quad Port Controller
More results

Similar Description - FPC401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
XFMRS Inc.
XF6612A-C4-4S XFMRS-XF6612A-C4-4S Datasheet
85Kb / 2P
QUAD PORT COMBO
XFATM2K-C4-4S XFMRS-XFATM2K-C4-4S Datasheet
129Kb / 2P
QUAD PORT COMBO
logo
Silicon Laboratories
SI3452 SILABS-SI3452 Datasheet
324Kb / 36P
QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
logo
XFMRS Inc.
XF6006Q5 XFMRS-XF6006Q5_15 Datasheet
95Kb / 1P
QUAD PORT
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
Quad Port Power-over-Ethernet PSE Controller
logo
XFMRS Inc.
XF0476-QCMC XFMRS-XF0476-QCMC Datasheet
46Kb / 1P
QUAD PORT
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
FPC401 Quad Port Controller
FPC402 TI1-FPC402 Datasheet
160Kb / 7P
Quad Port Controller
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com