Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPC401 Datasheet(PDF) 10 Page - Texas Instruments

Part # FPC401
Description  FPC401 Quad Port Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

FPC401 Datasheet(HTML) 10 Page - Texas Instruments

Back Button FPC401 Datasheet HTML 3Page - Texas Instruments FPC401 Datasheet HTML 4Page - Texas Instruments FPC401 Datasheet HTML 5Page - Texas Instruments FPC401 Datasheet HTML 6Page - Texas Instruments FPC401 Datasheet HTML 7Page - Texas Instruments FPC401 Datasheet HTML 8Page - Texas Instruments FPC401 Datasheet HTML 9Page - Texas Instruments FPC401 Datasheet HTML 10Page - Texas Instruments FPC401 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
56X (0.6)
56X (0.24)
52X (0.5)
(4.8)
(10.8)
(0.63) TYP
12X (1.08)
12X
(1.06)
(R0.05) TYP
(0.64)
5X (1.28)
WQFN - 0.8 mm max height
RHU0056A
PLASTIC QUAD FLATPACK - NO LEAD
4219076/A 01/2021
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 10X
EXPOSED PAD 57
68% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
20
21
28
29
48
49
56
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com