Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AM Datasheet(PDF) 6 Page - Texas Instruments

Part # INA101AM
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101AM Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA101AM Datasheet HTML 2Page - Texas Instruments INA101AM Datasheet HTML 3Page - Texas Instruments INA101AM Datasheet HTML 4Page - Texas Instruments INA101AM Datasheet HTML 5Page - Texas Instruments INA101AM Datasheet HTML 6Page - Texas Instruments INA101AM Datasheet HTML 7Page - Texas Instruments INA101AM Datasheet HTML 8Page - Texas Instruments INA101AM Datasheet HTML 9Page - Texas Instruments INA101AM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
®
INA101
6
A
1
A
2
A
3
14
10k
Ω
10k
Ω
10k
Ω
10k
Ω
2
12
11
4
3
R
G
+15V
INA101
Common
V
O = G (E1 – E2) +VCOM
20k
Ω
20k
Ω
–15V
13
DIP PACKAGE
A
1 Output
A
2 Output
10
5
OPA177
1k
Ω
1M
Ω
+15V
–15V
Approximately
±15mV Range
Pinout shown
is for DIP packages.
E
1
E
2
G = 1 +
40k
Ω
R
G
Input Offset Adjustment
Do not use to null source or system
offset (see text).
100k
Ω
+15V
Output Offset
Adjustment
1
V
COM
100k
Ω
67
OFFSET TRIMMING
The INA101 is laser trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows connection of an optional potentio-
meter connected to the Offset Adjust pins for trimming the
input offset voltage. (Pin numbers shown are for the DIP
package.) Use this adjustment to null the offset voltage in
high gain (G
≥ 100) with both inputs connected to ground.
Do not use this adjustment to null offset produced by the
source or other system offset since this will increase the
offset voltage drift by 0.3
µV/°C per 100µV of adjusted
offset.
Offset of the output amplifier usually dominates when the
INA101 is used in unity gain (G = 1). The output offset
voltage can be adjusted with the optional trim circuit con-
nected to the Common pin as shown in Figure 2. The voltage
applied to Common terminal is summed with the output.
Low impedance must be maintained at this node to assure
good common-mode rejection. The op amp connected as a
buffer provides low impedance.
THERMAL EFFECTS ON OFFSET VOLTAGE
To achieve lowest offset voltage and drift, prevent air
currents from circulating near the INA101. Rapid changes in
temperature will produce a thermocouple effect on the
package leads that will degrade offset voltage and drift. A
shield or cover that prevents air currents from flowing near
the INA101 will assure best performance.
FIGURE 2. Optional Trimming of Input and Output Offset Voltage.
A
1
A
2
A
3
8
7
10k
Ω
10k
Ω
10k
Ω
10k
Ω
2
9
5
4
1
10
R
G
No
Connection
+15V
INA101
Output
20k
Ω
20k
Ω
3
–15V
6
TO-100 PACKAGE
E
1
V
O = G (E1 – E2)
Tantalum
1µF
+
Tantalum
1µF
+
E
2
G = 1 +
40k
Ω
R
G
FIGURE 1. Basic Connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com