Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AM Datasheet(PDF) 7 Page - Texas Instruments

Part # INA101AM
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101AM Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA101AM Datasheet HTML 3Page - Texas Instruments INA101AM Datasheet HTML 4Page - Texas Instruments INA101AM Datasheet HTML 5Page - Texas Instruments INA101AM Datasheet HTML 6Page - Texas Instruments INA101AM Datasheet HTML 7Page - Texas Instruments INA101AM Datasheet HTML 8Page - Texas Instruments INA101AM Datasheet HTML 9Page - Texas Instruments INA101AM Datasheet HTML 10Page - Texas Instruments INA101AM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA101AG
Active
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
AU
N/A for Pkg Type
-
INA101AG
INA101AG.A
Active
Production
CDIP SB (JD) | 14
24 | TUBE
Yes
AU
N/A for Pkg Type
-55 to 125
INA101AG
INA101AM
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA101AM
INA101AM.A
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-55 to 125
INA101AM
INA101CM
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA101CM
INA101CM.A
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
Call TI
N/A for Pkg Type
-55 to 125
INA101CM
INA101HP
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
INA101HP
INA101HP.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
INA101HP
INA101KU
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-
INA101KU
INA101KU.A
Active
Production
SOIC (DW) | 16
40 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-55 to 125
INA101KU
INA101KU/1K
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-
INA101KU
INA101KU/1K.A
Active
Production
SOIC (DW) | 16
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-55 to 125
INA101KU
INA101SM
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
AU
N/A for Pkg Type
-
INA101SM
INA101SM.A
Active
Production
TO-100 (LME) | 10
20 | TUBE
Yes
AU
N/A for Pkg Type
-55 to 125
INA101SM
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com