Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXANFSF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANFSF
Description  N-FEMALE TO SMA FEMALE ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANFSF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANFSF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.17
29.75
.65
16.5
1/4-36 UNS-2A
5/8-24 UNEF-2A
C
C
RoHS Compliant 
C
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
DIELECTRIC VOLTAGE WITHSTANDING: 1000 VOLTS RMS
PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
PIN
BRASS
GOLD
INSULATION
PTFE
-
END CAP
BRASS
NICKEL
FERRULE
BRASS
NICKEL
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-NFSF
C
AXA-NFSF.SLDDRW
1
1
JC
03/02/05
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
03/02/05
03/02/05
A
B
INITIAL RELEASE
ECN 5452: RE0DRAWN AND NEW FORMAT, ADDED NOTES
4/19/11
P.PESA
D.FRISIELLO
C
ECN 8747: 29.75 WAS 25.1, 16.5 WAS 16.0, PTFE WAS TFE
5/4/2017
R.CLARK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
N-FEMALE TO SMA FEMALE ADAPTER
PROJECTION
UNLESS OTHERWISE SPECIFIED,
JC
COLOR VARIATIONS
MAY OCCUR
03/02/05
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - AXANFSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANFDM L-COM-AXANFDM Datasheet
67Kb / 1P
N-FEMALE TO 7/16 DIN MALE ADAPTOR
06/27/13
AXANFMUM L-COM-AXANFMUM Datasheet
78Kb / 1P
ADP N-FEMALE TO MINI-UHF M
02/13/2019
AXANFNF L-COM-AXANFNF Datasheet
117Kb / 1P
ADP, N-FEMALE TO N-FEMALE
4/21/10
AXANFNFB L-COM-AXANFNFB Datasheet
30Kb / 1P
N-Female to N-Female Bulkhead for 1/8" [3.25mm] Chasis
09/25/09
AXANFNFB2 L-COM-AXANFNFB2 Datasheet
102Kb / 1P
N-Female to N-Female Bulkhead for 1/4” [6.35mm] Chasis
05/08/03
More results

Similar Description - AXANFSF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
PE9083 PASTERNACK-PE9083 Datasheet
252Kb / 3P
SMA Female to N Female Adapter With Knurl
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9432 PASTERNACK-PE9432 Datasheet
243Kb / 2P
Precision SMA Female to N Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
5008 ETC2-5008 Datasheet
129Kb / 1P
TYPE N FEMALE TO SMA FEMALE ADAPTER
logo
Pasternack Enterprises,...
PE9486 PASTERNACK-PE9486 Datasheet
350Kb / 3P
Precision SMA Female to N Female Bulkhead Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com