Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AM.A Datasheet(PDF) 2 Page - Texas Instruments

Part # INA101AM.A
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101AM.A Datasheet(HTML) 2 Page - Texas Instruments

  INA101AM.A Datasheet HTML 1Page - Texas Instruments INA101AM.A Datasheet HTML 2Page - Texas Instruments INA101AM.A Datasheet HTML 3Page - Texas Instruments INA101AM.A Datasheet HTML 4Page - Texas Instruments INA101AM.A Datasheet HTML 5Page - Texas Instruments INA101AM.A Datasheet HTML 6Page - Texas Instruments INA101AM.A Datasheet HTML 7Page - Texas Instruments INA101AM.A Datasheet HTML 8Page - Texas Instruments INA101AM.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
®
INA101
2
SPECIFICATIONS
ELECTRICAL
At +25
°C with ±15VDC power supply and in circuit of Figure 1, unless otherwise noted.
INA101AM, AG
INA101SM, SG
INA101CM, CG
INA101HP, KU
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Range of Gain
1
1000
*
*
*
*
*
*
V/V
Gain Equation
G = 1 + (40k/RG)
*
*
*
V/V
Error from Equation, DC(1)
±(0.04 + 0.00016G
±(0.1 + 0.0003G
*
*
*
*
±(0.1 +
±(0.3 +
%
–0.02/G)
–0.05/G)
0.00015G)
0.0002G)
–0.05/G
–0.10/G
Gain Temp. Coefficient(3)
G = 1
2
5
*
*
*
*
*
*
ppm/
°C
G = 10
20
100
*
*
10
*
*
*
ppm/
°C
G = 100
22
110
*
*
11
*
*
*
ppm/
°C
G = 1000
22
110
*
*
11
*
*
*
ppm/
°C
Nonlinearity, DC(2)
±(0.002 + 10–5 G)
±(0.005 + 2 x 10–5 G)
±(0.001
±(0.002
±(0.001
±(0.002
*
*
% of p-p FS
+10–5 G)
+10–5 G)
+10–5 G)
+10–5 G)
RATED OUTPUT
Voltage
±10
±12.5
*
*
*
*
*
*
V
Current
±5
±10
*
*
*
*
*
*
mA
Output Impedance
0.2
*
*
*
Ω
Capacitive Load
1000
*
*
*
pF
INPUT OFFSET VOLTAGE
Initial Offset at +25
°C
±(25 + 200/G)
±(50 + 400/G)
±10+
±(25
±(10+
±(25 +
±(125 +
±(250 +
µV
100/G)
+200/G)
100/G)
200/G)
450/G)
900/G)
vs Temperature
±(2 + 20/G)
±(0.75
±(0.25 +
±(2 + 20/G)
µV/°C
+ 10/G)
10/G)
vs Supply
±(1 + 20/G)
*
*
*
µV/V
vs Time
±(1 + 20/G)
*
*
*
µV/mo
INPUT BIAS CURRENT
Initial Bias Current
(each input)
±15
±30
±10
*
±5
±20
*
*
nA
vs Temperature
±0.2
*
*
*
nA/
°C
vs Supply
±0.1
*
*
*
nA/V
Initial Offset Current
±15
±30
±10
*
±5
±20
*
*
nA
vs Temperature
±0.5
*
*
*
nA/
°C
INPUT IMPEDANCE
Differential
1010 || 3
*
*
*
Ω || pF
Common-mode
1010 || 3
*
*
*
Ω || pF
INPUT VOLTAGE RANGE
Range, Linear Response
±10
±12
*
*
*
*
*
*
V
CMR with 1k
Ω Source Imbalance
DC to 60Hz, G = 1
80
90
*
*
*
*
65
85
dB
DC to 60Hz, G = 10
96
106
*
*
*
*
90
95
dB
DC to 60Hz, G = 100 to 1000
106
110
*
*
*
*
100
105
dB
INPUT NOISE
Input Voltage Noise
fB = 0.01Hz to 10Hz
0.8
*
*
*
µV, p-p
Density, G = 1000
fO = 10Hz
18
*
*
*
nV/
√Hz
fO = 100Hz
15
*
*
*
nV/
√Hz
fO = 1kHz
13
*
*
*
nV/
√Hz
Input Current Noise
fB = 0.01Hz to 10Hz
50
*
*
*
pA, p-p
Density
fO = 10Hz
0.8
*
*
*
pA/
√Hz
fO = 100Hz
0.46
*
*
*
pA/
√Hz
fO = 1kHz
0.35
*
*
*
pA/
√Hz
DYNAMIC RESPONSE
Small Signal,
±3dB Flatness
G = 1
300
*
*
*
kHz
G = 10
140
*
*
*
kHz
G = 100
25
*
*
*
kHz
G = 1000
2.5
*
*
*
kHz
Small Signal,
±1% Flatness
G = 1
20
*
*
*
kHz
G = 10
10
*
*
*
kHz
G = 100
1
*
*
*
kHz
G = 1000
200
*
*
*
Hz
Full Power, G = 1 to 100
6.4
*
*
*
kHz
Slew Rate, G = 1 to 100
0.2
0.4
*
*
*
*
*
*
V/
µs
Settling Time (0.1%)
G = 1
30
40
*
*
*
*
*
*
µs
G = 100
40
55
*
*
*
*
*
*
µs
G = 1000
350
470
*
*
*
*
*
*
µs
Settling Time (0.01%)
G = 1
30
45
*
*
*
*
*
*
µs
G = 100
50
70
*
*
*
*
*
*
µs
G = 1000
500
650
*
*
*
*
*
*
µs
POWER SUPPLY
Rated Voltage
±15
*
*
*
V
Voltage Range
±5
±20
*
*
*
*
*
*
V
Current, Quiescent(2)
±6.7
±8.5
*
*
*
*
*
*
mA
TEMPERATURE RANGE(5)
Specification
–25
+85
–55
+125
*
*
0
+70
°C
Operation
–55
+125
*
*
*
*
–25
+85
°C
Storage
–65
+150
*
*
*
*
–40
+85
°C
* Specifications same as for INA101AM, AG.
NOTES: (1) Typically the tolerance of RG will be the major source of gain error. (2) Nonlinearity is the maximum peak deviation from the best straight-line as a percentage of peak-to-peak full scale output. (3) Not including the TCR of RG. (4) Adjustable
to zero at any one gain. (5)
θ
JC output stage = 113°C/W, θJC quiescent circuitry = 19°C/W, θCA = 83°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com