Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA101AM.A Datasheet(PDF) 4 Page - Texas Instruments

Part # INA101AM.A
Description  High Accuracy INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA101AM.A Datasheet(HTML) 4 Page - Texas Instruments

  INA101AM.A Datasheet HTML 1Page - Texas Instruments INA101AM.A Datasheet HTML 2Page - Texas Instruments INA101AM.A Datasheet HTML 3Page - Texas Instruments INA101AM.A Datasheet HTML 4Page - Texas Instruments INA101AM.A Datasheet HTML 5Page - Texas Instruments INA101AM.A Datasheet HTML 6Page - Texas Instruments INA101AM.A Datasheet HTML 7Page - Texas Instruments INA101AM.A Datasheet HTML 8Page - Texas Instruments INA101AM.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
®
INA101
4
STEP RESPONSE
Time (µs)
0
+10
+5
0
–5
–10
100
200
300
400
500
600
G = 1000
G = 1
QUIESCENT CURRENT vs SUPPLY
Supply Voltage (V)
0
±9
±8
±7
±6
±5
±5
±10
±15
±20
WARM-UP DRIFT vs TIME
Time (Minutes)
0
10
8
6
4
2
0
1
2
345
CMR vs FREQUENCY
Frequency (Hz)
1
120
100
80
60
10
100
1k
10k
G = 100, 1000
G = 10
G = 1
Balanced
Source
GAIN vs FREQUENCY
Frequency (Hz)
100
60
40
20
0
1k
10k
100k
1M
1% Error
G = 1000
G = 100
G = 10
G = 1
GAIN NONLINEARITY vs GAIN
Gain (V/V)
1
100
1000
10
0.01
0.003
0.001
0.0003
Max
Typ
TYPICAL PERFORMANCE CURVES
At +25
°C, V
CC = ±15V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com