Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145UA/2K5 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA145UA/2K5 Datasheet HTML 2Page - Texas Instruments INA145UA/2K5 Datasheet HTML 3Page - Texas Instruments INA145UA/2K5 Datasheet HTML 4Page - Texas Instruments INA145UA/2K5 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments INA145UA/2K5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
®
INA145
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±15V, G = 1, RL = 10kΩ connected to ground and Ref pin connected to ground, unless otherwise noted.
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
–60
–40
0
–20
80
100
I
SC
I
Q
120 140
670
650
630
610
590
570
550
530
510
490
470
20
18
16
14
12
10
8
6
4
2
0
20
60
40
G = 1
SLEW RATE vs TEMPERATURE
Temperature (
°C)
–60
–40
0
–20
80
100
120 140
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
20
60
40
G = 1
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage, RTI (mV)
Typical Production
Distribution of
Packaged Units.
V
S = ±2.25V
+25
°C
MAXIMUM OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
15
10
5
0
–5
–10
–15
02
4
6
8
10
12
14
16
Output Current (mA)
–55
°C
–25
°C
+25
°C
+85
°C
+125
°C
+85
°C
–55
°C
+125
°C
–25
°C
SETTLING TIME vs LOAD CAPACITANCE
Load Capacitance (nF)
1
100
160
140
120
100
80
60
40
20
0
10
G = 1
0.01%
G = 10
0.01%
G = 10
0.1%
G = 1
0.1%
GAIN AND PHASE vs FREQUENCY
Op Amp A1 and A2
Frequency (Hz)
1
10
100
100k
1M
110
100
90
80
70
60
50
40
30
20
10
0
–10
–90
–135
–180
1k
10k
R
L = 10kΩ || 200pF
R
L = 1nF
Φ
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com