Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA145UA/2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA145UA/2K5
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA145UA/2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA145UA/2K5 Datasheet HTML 4Page - Texas Instruments INA145UA/2K5 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5 Datasheet HTML 9Page - Texas Instruments INA145UA/2K5 Datasheet HTML 10Page - Texas Instruments INA145UA/2K5 Datasheet HTML 11Page - Texas Instruments INA145UA/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
®
INA145
APPLICATION INFORMATION
The INA145 is a programmable gain difference amplifier
consisting of a gain of 1 difference amplifier and a program-
mable-gain output buffer stage. Basic circuit connections are
shown in Figure 1. Power supply bypass capacitors should
be connected close to pins 4 and 7, as shown. The amplifier
is programmable in the range of G = 1 to G = 1000 with two
external resistors.
The output of A1 is connected to the noninverting input of
A2 through a 10k
Ω resistor which is trimmed to ±1%
absolute accuracy. The A2 input is available for applications
such as a filter or a precision current source. See application
figures for examples.
OPERATING VOLTAGE
The INA145 is fully specified for supply voltages from
±2.25V to ±18V, with key parameters guaranteed over the
temperature range –40
°C to +85°C. The INA145 can be
operated with single or dual supplies, with excellent perfor-
mance. Parameters that vary significantly with operating
voltage, load conditions, or temperature are shown in the
typical performance curves.
SETTING THE GAIN
The gain of the INA145 is set by using two external
resistors, RG1 and RG2, according to the equation:
G = 1 + RG2/RG1
For a total gain of 1, A2 is connected as a buffer amplifier
with no RG1. A feedback resistor, RG2 = 10kΩ, should be
used in the buffer connection. This provides bias current
cancellation (in combination with internal R5) to assure
specified offset voltage performance. Commonly used val-
ues are shown in the table of Figure 1. Resistor values for
other gains should be chosen to provide a 10k
Ω parallel
resistance.
COMMON-MODE RANGE
The input resistors of the INA145 provides an input com-
mon-mode range that extends well beyond the power supply
rails. Exact range depends on the power supply voltage and
the voltage applied to the Ref terminal (pin 1). To assure
proper operation, the voltage at the non-inverting input of
A1 (an internal node) must be within its linear operating
range. Its voltage is determined by the simple 1:1 voltage
divider between pin 3 and pin 1. This voltage must be
between V– and (V+) – 1V.
FIGURE 1. Basic Circuit Connections.
A1
V
IN
INA145
V
O
R
2
40k
Ω
R
1
40k
Ω
V
IN
R
3
40k
Ω
R
4
40k
Ω
R
G1
R
G2
R
B
A2
V
01
7
3
2
5
41
8
6
–V
S
+V
S
0.1
µF
–
+
TOTAL GAIN
A2 GAIN
R
G1
R
G2
R
B
(V/V)
(V/V)
(W)
(W)
(W)
1
1
(None)
10k
—
2
2
20k
20k
—
5
5
12.4k
49.9k
—
10
10
11.0k
100k
—
20
20
10.5k
200k
—
50
50
10.2k
499k
—
100
100
10.2k
1M
—
200
200
499
100k
9.53k
500
500
100
49.9k
10k
1000
1000
100
100k
10k
STANDARD 1% RESISTORS
0.1
µF
V
O = (VIN – VIN)(1 + RG2/RG1)
+–
R
5
10k
Ω
(1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com