Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520 Datasheet(PDF) 3 Page - SYC Electronica

Part # IRF520
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRF520 Datasheet(HTML) 3 Page - SYC Electronica

  IRF520 Datasheet HTML 1Page - SYC Electronica IRF520 Datasheet HTML 2Page - SYC Electronica IRF520 Datasheet HTML 3Page - SYC Electronica IRF520 Datasheet HTML 4Page - SYC Electronica IRF520 Datasheet HTML 5Page - SYC Electronica IRF520 Datasheet HTML 6Page - SYC Electronica IRF520 Datasheet HTML 7Page - SYC Electronica IRF520 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING RESISTIVE LOAD
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =50 V
ID =5 A
RGS =4.7
Ω
VGS =10 V
(see test circuit)
10
50
25
20
15
75
40
30
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
ID =10 A
VGS =10 V
VDD = Max Rating x 0.8
(see test circuit)
15
7
4
25
nC
nC
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
ISD
I SDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
10
40
A
A
VSD (
∗)
Forward On Volt age
ISD =10 A
VGS =0
1.6
V
trr
Qrr
Reverse Recovery
Time
Reverse Recovery
Charge
ISD =10 A
di/dt = 100 A/
µs
VDD =20 V
Tj =150
oC
80
0.22
ns
µC
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area for TO-220
Safe Operating Area for ISOWATT220
IRF520/FI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com