Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF520 Datasheet(PDF) 1 Page - SYC Electronica

Part # IRF520
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

IRF520 Datasheet(HTML) 1 Page - SYC Electronica

  IRF520 Datasheet HTML 1Page - SYC Electronica IRF520 Datasheet HTML 2Page - SYC Electronica IRF520 Datasheet HTML 3Page - SYC Electronica IRF520 Datasheet HTML 4Page - SYC Electronica IRF520 Datasheet HTML 5Page - SYC Electronica IRF520 Datasheet HTML 6Page - SYC Electronica IRF520 Datasheet HTML 7Page - SYC Electronica IRF520 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF520
IRF520FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
s
TYPICAL RDS(on) = 0.23
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
REGULATORS
s
DC-DC & DC-AC CONVERTERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
INTERNAL SCHEMATIC DIAGRAM
1
2
3
TO-220
ISOWATT220
TYPE
VDSS
R DS(on)
ID
IRF520
IRF520FI
100 V
100 V
<0. 27
Ω
<0. 27
Ω
10 A
7A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IRF520
I RF520FI
VDS
Drain-source Voltage (VGS =0)
100
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)100
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont .) at Tc =25
oC10
7
A
ID
Drain Current (cont .) at Tc =100
oC7
5
A
IDM(
•)
Drain Current (pulsed)
40
40
A
Ptot
Total Dissipation at Tc =25
oC70
35
W
Derating Factor
0. 47
0. 23
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 175
oC
Tj
Max. Operat ing Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
1
2
3


Similar Part No. - IRF520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF520 STMICROELECTRONICS-IRF520 Datasheet
181Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
logo
Supertex, Inc
IRF520 SUTEX-IRF520 Datasheet
74Kb / 2P
N - CHANNEL ENHANCEMENT MODE VERTICAL DMOS POWER FETs
logo
Fairchild Semiconductor
IRF520 FAIRCHILD-IRF520 Datasheet
166Kb / 5P
N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
logo
Vishay Siliconix
IRF520 VISHAY-IRF520 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRF520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com