Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-1010-R 2M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-1010-R 2M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CSM_EE-SX47_67_DS_E_9_1
Slot-type Photomicrosensor (Non-modulated) *1
EE-SX47/67
Global Standard Slot-type
photomicrosensors with 50- to
100-mA direct switching capacity.
• Series includes models that enable switching between
dark-ON and light-ON operation.
• Response frequency as high as 1 kHz.
• Easy operation monitoring with bright light indicator.
• Wide operating voltage range: 5 to 24 VDC
• Models in which the light indicator turns ON for dark-ON
operation are also available.
• A wide range of variations in eight different shapes.
• Flexible robot cable is provided as a standard feature. *2
*1. Pre-wired Models are available only in the EE-SX67 Series.
*2. Only for Pre-wired Models.
Be sure to read Safety Precautions on
page 5.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Ordering Information
Connector
*3. Dark-ON when the L terminal of the connector is opened, and light-ON when the L terminal and positive (+) terminal are connected. Do not connect the L terminal
to 0 V when using dark-ON operation. When using light-ON, it is useful to select the connector EE-1001-1. The L terminal and positive (+) terminal of this connector
are connected in advance.
Appearance
Sensing
method
Connect-
ing method
Sensing distance
Output
configuration
Indicator mode
Model
NPN output
PNP output
Through-
beam
type
(with slot)
Connector
(4 poles)
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX670
EE-SX670P
No incident light
EE-SX670A
EE-SX670R
Light-ON
Incident light
EE-SX470
---
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX671
EE-SX671P
No incident light
EE-SX671A
EE-SX671R
Light-ON
Incident light
EE-SX471
---
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX672
EE-SX672P
No incident light
EE-SX672A
EE-SX672R
Light-ON
Incident light
EE-SX472
---
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX673
EE-SX673P
No incident light
EE-SX673A
EE-SX673R
Light-ON
Incident light
EE-SX473
---
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX674
EE-SX674P
No incident light
EE-SX674A
EE-SX674R
Light-ON
Incident light
EE-SX474
---
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX675
EE-SX675P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX676
EE-SX676P
Dark-ON/Light-ON
(selectable) *3
Incident light
EE-SX677
EE-SX677P
Infrared light
Standard
5 mm
(slot width)
L-shaped
T-shaped,
slot center
7 mm
Close-
mounting
Close-
mounting
T-shaped,
slot center
10 mm
F-shaped
R-shaped


Similar Part No. - EE-1010-R 2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010-R OMRON-EE-1010-R Datasheet
430Kb / 7P
Reflective Photomicrosensor with Sensitivity Adjuster
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
Accurately detects objects placed in front of shiny Background.
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R-2M OMRON-EE-1010-R-2M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R2M OMRON-EE-1010-R2M Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
More results

Similar Description - EE-1010-R 2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
Photomicrosensor
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
Photomicrosensor
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
Slot-type Photomicrosensor (Non-modulated)
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
Photomicrosensor with Slim Cable (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
Slot-type Photomicrosensor with Cable
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
2012.8
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
Built-in Photomicrosensor Connector Type
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com