Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 2M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # EE-1010-R 2M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 2M Datasheet(HTML) 3 Page - Omron Electronics LLC

  EE-1010-R 2M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EE-SX47/67
3
Ratings and Specifications
*1. The indicator is a GaP red LED (peak wavelength: 690 nm).
*2. The response frequency was measured by detecting the rotating disk shown at the right.
Item
Type
Standard
L-shaped
T-shaped,
slot center
7 mm
Close-mounting
T-shaped,
slot center
10 mm
F-shaped
R-shaped
NPN
models
Connector
models
EE-SX670
EE-SX670A
EE-SX470
EE-SX671
EE-SX671A
EE-SX471
EE-SX672
EE-SX672A
EE-SX472
EE-SX673
EE-SX673A
EE-SX473
EE-SX674
EE-SX674A
EE-SX474
EE-SX675
EE-SX676
EE-SX677
Pre-wired
models
EE-SX670-
WR
EE-SX671-
WR
EE-SX672-
WR
EE-SX673-
WR
EE-SX674-
WR
EE-SX675-
WR
EE-SX676-
WR
EE-SX677-
WR
PNP
models
Connector
models
EE-SX670P
EE-SX670R
EE-SX671P
EE-SX671R
EE-SX672P
EE-SX672R
EE-SX673P
EE-SX673R
EE-SX674P
EE-SX674R
EE-SX675P
EE-SX676P
EE-SX677P
Pre-wired
models
EE-SX670P-
WR
EE-SX671P-
WR
EE-SX672P-
WR
EE-SX673P-
WR
EE-SX674P-
WR
EE-SX675P-
WR
EE-SX676P-
WR
EE-SX677P-
WR
Sensing distance
5 mm (slot width)
Sensing object
Opaque: 2
× 0.8 mm min.
Differential distance
0.025 mm
Light source
Infrared LED with a peak wavelength of 940 nm
Indicator *1
Light indicator (red) (turns ON when light is interrupted for models with A or R suffix)
Supply voltage
5 to 24 VDC ±10%, ripple (p-p): 10% max.
Current consumption
12 mA max. (Connector models), 35 mA max. (NPN pre-wired models), 30 mA max. (PNP pre-wired models)
Control output
NPN open collector: 5 to 24 VDC, 100 mA max.
100 mA load current with a residual voltage of 0.8 V max.
40 mA load current with a residual voltage of 0.4 V max.
OFF current (leakage current): 0.5 mA max.
PNP open collector: 5 to 24 VDC, 50 mA max.
50 mA load current with a residual voltage of 1.3 V max.
OFF current (leakage current): 0.5 mA max.
Protection circuits
Load short circuit protection (Connector models), No circuit protection (Pre-wired models)
Response frequency *2
1 kHz min. (3 kHz average)
Ambient illumination
1,000 lx max. with fluorescent light on the surface of the receiver.
Ambient temperature range
Operating:
−25 to +55°C, Storage: −30 to +80°C (with no icing or condensation)
Ambient humidity range
Operating: 5% to 85%, Storage: 5% to 95% (with no icing or condensation)
Vibration resistance
Destruction: 20 to 2,000 Hz (peak acceleration: 100 m/s2)
1.5-mm double amplitude for 2 h (4-min periods) each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP50
Connecting method
Connector Models (direct soldering possible), Pre-wired Models (Standard cable length: 1 m),
Models with Connectors (Standard cable length: 0.1 m)
Wei-
ght
Connector models
Approx. 3.1 g
Approx. 3 g
Approx. 2.4 g
Approx. 2.3 g
Approx. 3 g
Approx. 2.7 g
Approx. 2.2 g
Approx. 2.2 g
Pre-wired models
Approx. 18.9 g Approx. 17.3 g Approx. 17.8 g Approx. 16.8 g Approx. 17.1 g Approx. 18.3 g Approx. 16.9 g Approx. 16.9 g
Ma-
teri-
al
Case
Polybutylene phthalate (PBT)
Cover
Polycarbonate
Emitter/receiver
Disk
1 mm
1 mm
2.1 mm
t = 0.2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com