Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2576L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2576L-R
Description  SE2576L: 2.4 GHz High Power Wireless LAN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2576L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2576L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2576L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SE2576L: 2.4 GHz High Power Wireless LAN Power Amplifier
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202428A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g,n OFDM WLAN
Access Points
Features
Dual Mode IEEE802.11b, IEEE802.11g,
IEEE802.11n
26 dBm, EVM = 3%, 802.11g, OFDM 54 Mbps
29 dBm, 802.11b mask compliant
Integrated PA, Input Match, 2.8V reference
voltage generator
Integrated Temperature Compensated, Positive
Slope Power Detector
Pb-free, RoHS compliant and Halogen-free
3 mm x 3 mm x 0.9 mm, MSL 3
Ordering Information
Part No.
Package
Remark
SE2576L
16 pin QFN
Samples
SE2576L-R
16 pin QFN
Tape & Reel
SE2576L-EK1
N/A
Evaluation kit
Product Description
The SE2576L is a high power 802.11bgn WLAN
power amplifier module providing the functionality of
the power amplifier, power detector, reference voltage
generator and input match.
The SE2576L is designed for ease of use and
maximum flexibility, with an integrated input match,
and external output match to adjust the load line for
5V, 26dBm operation.
The SE2576L includes a temperature compensated
transmit power detector with over 20 dB of dynamic
range and <1.2dB variation under 3:1 mismatch at the
antenna.
The SE2576L includes a digital enable control due to
an integrated reference voltage generator. The power
ramp rise/fall time is 0.5
μs typical.
Functional Block Diagram
Figure 1: Functional Block Diagram
DET
EN
RFIN
VCC
50Ω
RFOUT
VCC2
Bias & Control
DET


Similar Part No. - SE2576L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2576L-R SIGE-SE2576L-R Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
More results

Similar Description - SE2576L-R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6153 ANADIGICS-AWL6153 Datasheet
247Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 1.0
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2565T SIGE-SE2565T Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2576L SIGE-SE2576L Datasheet
129Kb / 2P
2.4 GHz High Power Wireless LAN Power Amplifier Preliminary
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
Skyworks Solutions Inc.
SE2623L-R SKYWORKS-SE2623L-R Datasheet
187Kb / 2P
2.4 GHz High-Power Wireless LAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com