Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 35Page - Microchip Technology PIC32MX Datasheet HTML 36Page - Microchip Technology PIC32MX Datasheet HTML 37Page - Microchip Technology PIC32MX Datasheet HTML 38Page - Microchip Technology PIC32MX Datasheet HTML 39Page - Microchip Technology PIC32MX Datasheet HTML 40Page - Microchip Technology PIC32MX Datasheet HTML 41Page - Microchip Technology PIC32MX Datasheet HTML 42Page - Microchip Technology PIC32MX Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 544 page
background image
PIC32MX STARTER KIT
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS61144D-page 35
Chapter 4. PIC32MX Starter Kit Hardware
4.1
INTRODUCTION
This chapter describes the hardware features of the PIC32MX Starter Kit.
4.2
HARDWARE FEATURES
The key features of the PIC32MX Starter Kit are listed below. They are presented in the
order given in Section 1.4 “PIC32MX Functionality and Features”. You can refer to
Figure 1-1 on page 8 for their locations on the board.
4.2.1
Processor Support
The PIC32MX Starter Kit is designed with a permanently mounted (i.e., soldered)
PIC32MX360F512L processor.
4.2.2
Power Supply
There are two ways to supply power to the PIC32MX Starter Kit:
• USB bus power connected to J1.
• An external application board with a regulated DC power supply that provides +5V
can be connected to the J2 application board connector that is provided on the
bottom side of the board.
One green LED (D3) is provided to show that the PIC32 microcontroller is powered up.
4.2.3
USB Connectivity
The PIC32MX Starter Kit includes a PIC18LF4550 USB microcontroller, which provides
both USB connectivity and support for protocol translation. The PIC18LF4550 is
hard-wired to the PIC32MX device to provide two types of connectivity:
• I/O pins of PIC18LF4550 to ICSP™ pins of PIC32MX
• I/O pins of PIC18LF4550 to JTAG pins of PIC32MX
The PIC32MX Starter Kit currently uses the JTAG pins of the PIC32MX device for
programming and debugging.
Note: The basic PIC32MX Starter Kit does not include an application board and
is intended to be USB-bus powered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com