Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC32MX
Description  64/100-Pin General Purpose,32-Bit Flash Microcontrollers
PDF  544 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC32MX Datasheet HTML 37Page - Microchip Technology PIC32MX Datasheet HTML 38Page - Microchip Technology PIC32MX Datasheet HTML 39Page - Microchip Technology PIC32MX Datasheet HTML 40Page - Microchip Technology PIC32MX Datasheet HTML 41Page - Microchip Technology PIC32MX Datasheet HTML 42Page - Microchip Technology PIC32MX Datasheet HTML 43Page - Microchip Technology PIC32MX Datasheet HTML 44Page - Microchip Technology PIC32MX Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 544 page
background image
PIC32MX STARTER KIT
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS61144D-page 37
Appendix A. PIC32MX Starter Kit Schematics
A.1
INTRODUCTION
This section provides detailed technical information about the PIC32MX Starter Kit.
A.2
DEVELOPMENT BOARD BLOCK DIAGRAM
FIGURE A-1:
HIGH-LEVEL BLOCK DIAGRAM OF THE PIC32MX STARTER KIT
A.3
STARTER KIT BOARD SCHEMATICS
Figure A-2. PIC32MX CPU
Figure A-3. PIC18LF4550 Debug CPU
Figure A-4. Application Board Connector
Figure A-5. Switches and LEDs
Figure A-6. Power Supply
PIC32MX360F512L
PIC18LF4550
ICSP™
JTAG
Power
Supply
+3.3V
VUSB or
+5V_EXT
Switches
LEDs
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com