Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRSC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # WRSC
Description  Circular Wireless Charging Coils (Receiving)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

WRSC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  WRSC Datasheet HTML 1Page - Bel Fuse Inc. WRSC Datasheet HTML 2Page - Bel Fuse Inc. WRSC Datasheet HTML 3Page - Bel Fuse Inc. WRSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice.
WRSC Series August 25 2022
WRSC Series
RoHS
Compliant
PRODUCT IDENTIFICATION
W R S C - 13R0 K - 26
(1) (2) (3) (4)
(5)
(6)
(7)
(1)
Type: Wireless Charging Coil
(5)
Inductance: 13R0 = 13.0 µH
(2)
Location: R = Receiver
(6)
Inductance Tolerance: K: ±10%
(3)
Number of Windings: S = Single
(7)
Qi standard code or other
(4)
Winding Core Shape: C = Circular
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
Part Number
A
B
C *
D
E
F
WRSC-7R2K-32
6.0 ± 0.5
2.0 Max
25.0 ± 2.0
2.5
5.0 ± 2.0
WRSC-13R0K-26
10.5 Max
1.7 Max
25.0 ± 2.0
2.0
5.0 ± 2.0
WRSC-26R0K-11
19.0 ± 0.3
5.0 ± 0.3
0.8 Max
25.0 ± 1.0
3.0 Ref
5.0 ± 2.0
WRSC-47R0K-08
26.0 ± 0.3
1.31 ± 0.3
25.0 ± 1.0
3.0 Ref
5.0 ± 2.0
* C size does contain release paper & PET.
DIMENSIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com