Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRSC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # WRSC
Description  Circular Wireless Charging Coils (Receiving)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

WRSC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  WRSC Datasheet HTML 1Page - Bel Fuse Inc. WRSC Datasheet HTML 2Page - Bel Fuse Inc. WRSC Datasheet HTML 3Page - Bel Fuse Inc. WRSC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
belfuse.com/signal
WRSC Series
Circular Wireless Charging Coils
(Receiving)
Signal’s Wireless Circular Charging Coil (WRSC) Series are receiving
rectangular wireless charging transmission coils, available in single
windings configuration. The WRSC Series allows power to be transmitted
wirelessly through inductive coupling to charge an array of products.
The WRSC Series transmitter coils utilize inductive coupling to transfer
signals, data and power from one source to another.
The advantages of the WRSC’s use of inductive coupling eliminates
conductive connections and traditional wiring, seamlessly transferring
data and power while avoiding the mechanical abrasion, corrosion and
wearing- out of conductive contacts. The fixed-in position inductive coils
are non-moving, resistant to vibration and corrosion, and are designed for
reliability and longevity.
General Features
•
Single coil, three/four layers
•
Pin cooling technology and tight pin tolerance control within
±1.0 mm after the tin immersion process
•
Inductance tolerance: Rectangular core shape
•
Size and shape characteristics are customizable
•
Low profile & high mechanical intensity
•
Qi standard compliance
•
RoHS and REACH compliant
Specifications
•
Impedance range: 11 to 16.7 ohms at 125 kHz
•
I sat range: 1.0 to 3.0 A
•
Operating Temperature Range: -25 °C to +105 °C
•
Storage Temperature Range: -40 °C to +85 °C
Applications
•
Mobile phones, tablets & gaming controllers
•
Digital cameras, consumer electronics
•
Smart accessories, wearable devices
•
Wireless charging devices
•
Drones, toothbrushes, robotic cleaners
•
Health & fitness
RoHS
Compliant


Similar Part No. - WRSC

ManufacturerPart #DatasheetDescription
logo
Whirlpool.
WRSC5536R WHIRLPOOL-WRSC5536R Datasheet
439Kb / 6P
Side by Side Refrigerator
09/25
WRSC6536R WHIRLPOOL-WRSC6536R Datasheet
439Kb / 6P
Side by Side Refrigerator
09/25
More results

Similar Description - WRSC

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SRX38310914KFA SUPERWORLD-SRX38310914KFA Datasheet
672Kb / 3P
Wireless Charging Receiving Coil/Shield
logo
Vishay Siliconix
IWAS-3827EC-50 VISHAY-IWAS-3827EC-50 Datasheet
78Kb / 2P
Wireless charging receiving coil
04-Aug-16
IWAS-4832EC-50 VISHAY-IWAS-4832EC-50 Datasheet
77Kb / 2P
Wireless charging receiving coil
05-Aug-13
IWAS-3827EC-50 VISHAY-IWAS-3827EC-50_17 Datasheet
79Kb / 2P
Wireless Charging Receiving Coil/Shield
04-Aug-16
IWAS-4832EC-50 VISHAY-IWAS-4832EC-50_17 Datasheet
77Kb / 2P
Wireless Charging Receiving Coil/Shield
05-Aug-13
IWAS-4832FE-50 VISHAY-IWAS-4832FE-50 Datasheet
72Kb / 2P
Wireless Charging Receiving Coil/Shield
23-Jan-15
IWAS4832AEEB120KF1 VISHAY-IWAS4832AEEB120KF1 Datasheet
89Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS3010AZEB130KF1 VISHAY-IWAS3010AZEB130KF1_V01 Datasheet
68Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS4532AGEB140KF1 VISHAY-IWAS4532AGEB140KF1_V01 Datasheet
83Kb / 2P
Wireless Charging Receiving Coil / Shield
05-Jul-2019
IWAS4832ABEB130KF1 VISHAY-IWAS4832ABEB130KF1 Datasheet
77Kb / 2P
Wireless Charging Receiving Coil / Shield
14-Dec-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com