Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVR1105T-R17Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TLVR1105T-R17Y
Description  TLVR1105T SeriesTrans-Inductor Voltage Regulator (TLVR) Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TLVR1105T-R17Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TLVR1105T-R17Y Datasheet HTML 1Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 2Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 3Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
Features
n
Shielded construction for low radiation
n
Dual winding inductors
n
Extremely high current
n
Inductance range: 70 to 200 nH
n
RoHS compliant* and halogen free**
Applications
n
Servers and workstations
n
Data centers
n
Data networking and storage systems
n
Notebook and desktop computers
n
Graphic cards and battery powered systems
n
Multi-phase regulators
n
Voltage Regulator Modules (VRMs)
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
DCR
±10 %
(mW)
Irms
(A)
Isat1
(A)
Isat2
(A)
Isat3
(A)
Kps
Typ.
L
(nH)
Tol.
(%)
Pin
1-4
Pin
2-3
Pin
1-4
Pin
2-3
@25 °C
@100 °C
@125 °C
TLVR1105T-70NY
70
±15
0.125
0.37
77
45
160
140
130
0.92
TLVR1105T-80NY
80
±15
0.125
0.37
77
45
150
120
110
0.93
TLVR1105T-90NY
90
±15
0.125
0.37
77
45
135
115
105
0.93
TLVR1105T-R10Y
105
±15
0.125
0.37
77
45
125
106
98
0.94
TLVR1105T-R12Y
120
±15
0.125
0.37
77
45
102
87
80
0.95
TLVR1105T-R15Y
150
±15
0.125
0.37
77
45
84
71
58
0.96
TLVR1105T-R17Y
170
±15
0.125
0.37
77
45
70
60
53
0.96
TLVR1105T-R20Y
200
±15
0.125
0.37
77
45
58
50
43
0.96
General Specifications
Operating Temperature
................................ -40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................ -40 °C to +125 °C
Temperature Rise
.......................40 °C typ. at rated Irms
Rated Current
............ Inductance drops 20 % at Isat
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Electrical Schematic
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Materials
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....................400 pcs. per reel
How to Order
TLVR1105T - 70NY
Model
Value Code (see table)
Recommended Layout
1
4
2
3
12
34
MARKING LABEL
(BLACK INK)
DCR 2-3
DCR 1-4
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
11.7 ± 0.3
(.461 ± .012)
1.80
(.071)
1.3 ± 0.3
(.051 ± .012)
1.65
(.065)
1.15 ± 0.3
(.045 ± .012)
10.1 ± 0.5
(.398 ± .020)
2.65 ± 0.5
(.104 ± .020)
10.10
(.398)
2.65
(.104)
11.0 ± 0.2
(.433 ± .008)
5.7 ± 0.3
(.224 ± .012)
2.45 ± 0.3
(.096 ± .012)
2.95
(.116)
12
34
MARKING LABEL
(BLACK INK)
DCR 2-3
DCR 1-4
TOP VIEW
FRONT VIEW
SIDE VIEW
BOTTOM VIEW
11.7 ± 0.3
(.461 ± .012)
1.80
(.071)
1.3 ± 0.3
(.051 ± .012)
1.65
(.065)
1.15 ± 0.3
(.045 ± .012)
10.1 ± 0.5
(.398 ± .020)
2.65 ± 0.5
(.104 ± .020)
10.10
(.398)
2.65
(.104)
11.0 ± 0.2
(.433 ± .008)
5.7 ± 0.3
(.224 ± .012)
2.45 ± 0.3
(.096 ± .012)
2.95
(.116)
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - TLVR1105T-R17Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TLVR1005T BOURNS-TLVR1005T Datasheet
583Kb / 4P
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
12/23
TLVR1005T-70NK BOURNS-TLVR1005T-70NK Datasheet
583Kb / 4P
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
12/23
TLVR1005T-80NK BOURNS-TLVR1005T-80NK Datasheet
583Kb / 4P
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
12/23
TLVR1005T-90NK BOURNS-TLVR1005T-90NK Datasheet
583Kb / 4P
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
12/23
TLVR1005T-R10K BOURNS-TLVR1005T-R10K Datasheet
583Kb / 4P
TLVR1005T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
12/23
More results

Similar Description - TLVR1105T-R17Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
POWER TRANS ISTOR
logo
NXP Semiconductors
PVR100AZ-B NXP-PVR100AZ-B Datasheet
106Kb / 17P
Voltage regulator series
Rev. 01-16 November 2006
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
RT Trans-controller
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
POWER TRANS FORMERS
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
PRINTED CIRCUIT TRANS FORMERS
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
SUNMATE electronic Co.,...
S8050 SUNMATE-S8050 Datasheet
718Kb / 3P
SILICON EPITAXIAL PLANAR TRANS ISTOR
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
NPN DARLINGTON TRANS IBTOR
logo
TOKYO SEIMITSU CO., LTD
E-DT-80LA ACCRETECH-E-DT-80LA Datasheet
507Kb / 6P
Detector (Differential Trans-Type) Features
logo
Nanjing Qinheng Microel...
CH9342 WCH-CH9342 Datasheet
104Kb / 4P
USB Trans-stroke chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com