Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVR1105T-R17Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TLVR1105T-R17Y
Description  TLVR1105T SeriesTrans-Inductor Voltage Regulator (TLVR) Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TLVR1105T-R17Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TLVR1105T-R17Y Datasheet HTML 1Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 2Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 3Page - Bourns Electronic Solutions TLVR1105T-R17Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLVR1105T Series – Trans-Inductor Voltage Regulator (TLVR) Inductors
Typical Inductance vs. Current Curves
TLVR1105T-70NY
TLVR1105T-R12Y
TLVR1105T-80NY
TLVR1105T-R15Y
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
TLVR1105T-90NY
TLVR1105T-R17Y
TLVR1005T-R10Y
TLVR1005T-R20Y
80
70
60
50
40
30
20
10
0
02040140 160180 200
60
80 100120
Current (A)
@25 °C
@125 °C
@100 °C
90
80
70
60
50
40
30
20
10
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
100
90
80
70
60
50
40
30
20
10
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
140
120
100
80
60
40
20
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
180
160
140
120
100
80
60
40
20
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
120
110
100
90
80
70
60
50
40
30
20
10
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
200
180
160
140
120
100
80
60
40
20
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C
220
200
180
160
140
120
100
80
60
40
20
0
02040140
160
60
80
100120
Current (A)
@25 °C
@125 °C
@100 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com