Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-100-R2-SS-EPROGA Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # XHS35F-100-R2-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-100-R2-SS-EPROGA Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  XHS35F-100-R2-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Dimensions in inches
DIMENSIONS
0,55
0,07
1,68
1,04
3,52
3
1,003
1,001
3x10-32 UNF-2B
0.38 deep
(x120°)
SM18
SHEET 1 OF 1
M176
A
HS35_100_SM18
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
0,55
0,07
1,68
1,18
3,52
3
1,003
1,001
3x10-32 UNF-2B
0.38 deep
(x120°)
SHEET 1 OF 1
M177
A
HS35_100_SCS
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
MS Connector Termination
Cable Terminations
Shocks (EN 60068-2-27)
≤ 500 m.s-2 (during 11 ms)
Vibrations (EN 60068-2-6)
≤ 200 m.s-2 (5…2 000Hz)
EMC
EN 61000-6-2, EN 61000-6-4
Isolation
1 000V eff
Operating Temperature (1)
See Electrical table above
Storage Temperature
-40°C ... +100°C
Protection (EN 60529)
IP 65 (NEMA 4 & 13)
Humidity
93% RH non-condensing at 20 °C
Environmental
(1)
Extended temperature ratings : some models can operate down to -55°C. Extended temperature ranges can affect other performance factors. Consult with factory for more specific
information.
0,07
1,68
0,55
1,4
3,52
3x10-32 UNF-2B
0.38 deep
(x120°)
3,0
1,003
1,001
2,09
SM18
SHEET 1 OF 1
M179
A
HS35_100_SM18-RD
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
14/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 14/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
Dual MS Connector Termination
0,07
1,67
0,61
1,08
1,80 max.
Shaft penetration
3,52
3
3x10-32 UNF-2B
0.38 deep
(x120°)
SM12
0,627
0,625
SHEET 1 OF 1
M178
A
HS35_BS_062_SM12
DEVICE:
PROJECT:
REV.
A
4
TITLE
DWG NO.
SCALE
1/1
EUROPEAN
SYSTEM
SOLIDWORKS
DATE :
APPROVED : -
13/03/2024
SIZE
A3
SENSATA TECHNOLOGIES PROPRIETARY AND
CONFIDENTIAL. NEITHER THIS PRINT NOR THE
INFORMATION CONTAINED HEREON IS TO BE USED
AGAINST THE INTERESTS OF SENSATA TECHNOLOGIES
OR AGAINST THE INTERESTS OF ANY OF ITS AFFILIATED
COMPANIES OR WHOLLY OWNED SUBSIDIARIES.
DO NOT
SCALE
DRAWING
B
C
D
C
D
A
B
3
2
1
3
4
2
1
UNLESS OTHERWISE
SPECIFIED DIMENSIONS ARE IN MILLIMETERS
[INCHES] AND ARE INTENDED
AS NOMINAL. SEE PRODUCT SPECIFICATION
FOR MORE DETAILS.
UNCONTROLLED COPY
BEI SENSORS SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
BP 70044 - F 67013 STRASBOURG Cedex
Tel : +33 (0)3 88 20 81 40
FIRST ISSUE DATE : 13/03/2024
RHM
DRAWN :
DATE :
ECN :
Aluminum
Housing material :
Flange material :
Shaft material :
-
Aluminum
M12 Connector Terminations



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com