Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-100-R2-SS-EPROGA Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # XHS35F-100-R2-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-100-R2-SS-EPROGA Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  XHS35F-100-R2-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-100-R2-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
RESOLUTIONS
Standard resolutions:
1000, 1024, 1800, 2000, 2048, 2500, 3600, 4000, 4096, 5000, 7200, 10000
Low resolutions (1): (not found in the Standard resolutions range):
Any resolution within the 1-2500ppr range.
High resolutions: (not found in the Standard resolutions range)
All multipliers of 1000, 1024, 1800, 2500 from 1 to 200.
Programmable resolutions (1) (28/X electronics):
• Full programmable (XPROG): from 1 to 10kppr with direction and alternate index tracks configuration
• Multiplier programmable (1000, 1024, 1800, 2500 native): Programmability of the native resolution multiplier from 1 to 200 with direction and all index tracks
configurations possibilities
All those versions can be configured with one of the following programming tool P/N (ordered separately):
EAP-004 (for encoder with ‘’SM18‘’ connection)
Programming procedure available in Instruction Manual.
(1)
Signal tolerances available in Instructions Manual
(2)
Signals are shown for CW rotation when viewed from the face side of the encoder
(3)
Non-standard index widths and multiple indices are available by special order. Consult factory.
(4)
With dual output option, both AB signals are not synchronized, and Index signals locations are displaced around 180° (mechanical)
Channel Synchronization(4)
Index track gating possibilities(2)(3)
XPROG (Full Programmable Version)
1 Cycle = 360°
Directions Possibilities(2)
or
STANDARD CONNECTIONS
0V
+V
A
B
Z
A/
B/
Z/
Case
Ground
Shield
Drain
M18
M18
Connector
10 Pins
F
D
A
B
C
H
I
J
G
__
M12
M12
Connector
10 Pins
F
D
A
B
C
H
J
K
G
__
M16 - ABZ
M16
Connector
7 Pins
F
D
A
B
C
__
__
__
G
__
M16 - ABC
F
D
A
B
__
C
E
__
G
__
CABLE - ABZ
PVC Cable
9 Wires
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
OG
(Orange)
__
__
__
GR (Green)
WH
(White)
CABLE - ABC
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
_
WH/YE
(White/
Yellow)
WH/BU
(White/
Blue)
_
GR (Green)
WH
(White)
CABLE - ABZC
BK (Black)
RD (Red)
YE
(Yellow)
BU (Blue)
OG
(Orange)
WH/YE
(White/
Yellow)
WH/BU
(White/
Blue)
WH/OR
(White/
Orange)
GR (Green)
WH
(White)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com