Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-62-R2-SS-12GC Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # XHS35F-62-R2-SS-12GC
Description  3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-62-R2-SS-12GC Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  XHS35F-62-R2-SS-12GC Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
CONNECTIONS
14 Bit
GRAY or
NATURAL
BINARY
code
B13
(msb)
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0 (lsb)
DIR
(opt:
LATCH or
ENABLE)
CASE
GROUND
0V
LATCH
(opt:
DIR or
ENABLE)
+V
SHIELD
DRAIN
13 Bit
B12
(msb)
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
(lsb)
0V (opt:
ENABLE,
DIR or
LATCH)
12 Bit
std
B1
1(msb)
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
(lsb)
n.c.
M14/19
M14 - 19
pins
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
-
Cable
Color
PVC cable
20 wires
WH/BK
WH/
BN
WH/
RD
WH/
OG
WH/
YE
WH/
GN
WH/
BU
WH/
VT
WH/
GY
WH
GY/
BK
GY/
BN
GY/
RD
GY/OG*
OG*
GN
BK
YE*
RD
BARE
Cable
Color
PVC cable
16 wires
GR
YE
GY
PK
BU
RD
BK
VT
WH/
BN
WH/
GR
WH/
YE
WH/
GY
-
-
WH/BU
Shield
WH
WH/PK
BN
-
A1 A2 A3 A4 A5
A+ OUT
A
RETURN
DIR
RESET *
0V
+V
CASE
GROUND
M18
M18
Connector
10 Pins
A
H
C
B
F
D
G
M14/19
M14
Connector
19 Pins
A
B
U
C
T
V
S
CABLE
COLOR
PVC Cable
9 Wires
YE
WH/YE
OG
BU
BK
RD
GN
A1 A2 A3 A4 A5
DATA +
DATA -
CLK +
CLK -
DIR
ENABLE*
0V
+V
CASE
GROUND
SHIELD
DRAIN
M18
M18
Connector
10 Pins
A
H
B
I
C
J
F
D
G
__
M14/19
M14
Connector
19 Pins
A
B
C
D
R
P
T
V
S
__
CABLE
COLOR
PVC Cable
9 Wires
YE
WH/YE
BU
WH/BU
OG
WH/OG
BK
RD
GN
BARE
ANALOG Connections
PARALLEL Connections
SSI Connections
* Optional
* Optional
* Optional
Functions
DIR: Standard is CW increasing when viewed from the shaft end, with pin DIR normally HI (pulled up internally to +V, or N/C).
To reverse the count direction, pin DIR must be pulled LO (0V COMMON).
RESET: Pin Reset is normally LO (pulled DOWN internally to +V, or N/C).
Encoder position code is reset to 0° for digital parallel /SSI outputs and to 180° for analog outputs if pin DIR is HI (to +V) for minimum 250ms.
LATCH: Encoder outputs are active and provide continuous parallel position information when Pin LATCH is HI (pulled up internally to +V, or N/C).
When pin LATCH is LO (0V COMMON) the encoder outputs are latched at the logic state that is present when the latch is applied and will stay latched until pin LATCH is no longer LO (0V
COMMON).
Er outputs are active and provide continuous parallel position information when pin ENABLE is HI (pulled up internally to +V, or N/C).
When pin ENABLE is LO (0V COMMON) the encoder outputs are switched off (tristated in high impedance) and will stay switched off until pin ENABLE is no longer LO (0V COMMON).
M18 Connector is a MS3102R18-1P, 10-pin connector on the encoder body and mates to an MS3106F18-1S connector or can be used with a standard cable/connector assembly, BEI P/N
924-31186-18XX (Where XX = 10, 20 30 or 50 for a 10, 20, 30, or 50 foot length). This is the preferred connector for SSI output.
M14/19 Connector is a MS3112E14-19P, 19-pin connector on the encoder body and mates to an MS3116J14-19S or equivalent.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com