Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-62-R2-SS-12GC Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # XHS35F-62-R2-SS-12GC
Description  3,5” BLIND - HOLLOW SHAFT ABSOLUTE ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-62-R2-SS-12GC Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  XHS35F-62-R2-SS-12GC Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-62-R2-SS-12GC Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Encoder
X: Express Encoder
Blank: Standard Leadtime
Type
HS35: Hollow Shaft, 3,5”
Encoder Diameter
Housing Configuration
F: Standard
Shaft Bore
100: 1.00”
87: 0.875”
75: 0.75”
62: 0.625”
50: 0.50” etc.
Metric bores available
Tether
R1: Tether Block and Pin
R2: Tether Arm
Others tether configurations available
Shaft Seal Configuration
SS: Through Shaft, Rubber Seals
Number of Bits
12: 12 Bits, 4096 Counts
13: 13 Bits, 8192 Counts
14: 14 Bits, 16384 Counts
15: 15 Bits, 32768 Counts
16: 16 Bits, 65536 Counts
Code Type
GC: Gray Code
NB: Natural Binary
(* Leave Blank for A1-A5)
Voltage / Output
28/V: 5-28Vin/out
28/5: 5-28Vin/5Vout
28/OC: 5-28Vin/OCout
S3: SSI
A1: 4-20mA
A2: 0-10V
A3: 0-20mA
A4: 0-5V
A5: 0-24mA
Direction of Count
CW: Clockwise Increasing Count
CCW: Counter Clockwise Increasing Count
Output Termination
SM18: MS3102R18-1P
SM14/19: MS3112E14-19P (19 Pin)
SCS: Shielded/Jacketed 20 wires Cable with Cable Seal. Length of Cable is specified in inches. (i.e. SCS18 = 18 inches)
SC3: Shielded/Jacketed 16 wires Cable with Cable Seal. Length of Cable is specified in inches. (i.e. SC318 = 18 inches)
(See Connections Section)
Hazardous Area Ratings
Blank: None
NI: Non-Incendive
Contact factory for voltage options
Special Features
S: Special Features specified on Purchase Order.
–S at the end of the model number is used to define a variety of non-standard features such as hard anodization, special shaft lengths, voltage options, or special testing. Please
consult the factory to discuss your special requirements.
ORDERING OPTIONS
HS35
F
100
12
R1
28V/V
GC
SS
CW
S
X
SM14/19
Items highlighted with this are standard Express Encoders and ship in few days. in North America



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com