Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 3 Page - Texas Instruments

  ADS7882IPFBT Datasheet HTML 1Page - Texas Instruments ADS7882IPFBT Datasheet HTML 2Page - Texas Instruments ADS7882IPFBT Datasheet HTML 3Page - Texas Instruments ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SPECIFICATIONS
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
TA = –40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 2.5 V, fsample = 3 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)
+IN – (–IN)
0
Vref
V
+IN
–0.2
Vref +0.2
Absolute input range
V
–IN
–0.2
0.2
Input capacitance
27
pF
Input leakage current
500
pA
SYSTEM PERFORMANCE
Resolution
12
Bits
No missing codes
10
Bits
Integral linearity(2)
–4
±1
4
LSB(3)
Differential linearity
–4
±1
4
LSB(3)
Offset error(4)
±1
mV
Gain error(4)
±1.2
mV
With common mode input signal = 200
Common-mode rejection ratio
60
dB
mVp-p at 1 MHz
At FF0H output code, +VA = 4.75 V to 5.25
Power supply rejection
80
dB
V , Vref = 2.50 V
SAMPLING DYNAMICS
+VDB = 5 V
280
Conversion time
nsec
+VDB = 3 V
280
+VDB = 5 V
53
Acquisition time
nsec
+VDB = 3 V
53
Maximum throughput rate
3
MHz
Aperture delay
2
nsec
Aperture jitter
20
psec
Step response
50
nsec
Overvoltage recovery
50
nsec
DYNAMIC CHARACTERISTICS
Total harmonic distortion(5)
VIN = 2.496 Vp-p at 0.1 MHz/2.5 Vref
–79.5
dB
SNR
VIN = 2.496 Vp-p at 0.1 MHz/2.5 Vref
69.5
dB
SINAD
VIN = 2.496 Vp-p at 0.1 MHz/2.5 Vref
68.5
dB
SFDR
VIN = 2.496 Vp-p at 0.1 MHz/2.5 Vref
80.5
dB
–3 dB Small signal bandwidth
50
MHz
EXTERNAL REFERENCE INPUT
Input VREF range
2.4
2.5
2.6
V
Resistance(6)
500
k
Ω
INTERNAL REFERENCE OUTPUT
From 95% (+VA), with 1-
µF storage
Start-up time
120
msec
capacitor on REFOUT to AGND
VREF range
IOUT = 0
2.425
2.5
2.575
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
1
mV
Drift
IOUT = 0
25
PPM/°C
(1)
Ideal input span; does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
LSB means least significant bit.
(4)
Measured relative to actual measured reference.
(5)
Calculated on the first nine harmonics of the input frequency.
(6)
Can vary ±20%.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com