Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7882IPFBT Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7882IPFBT Datasheet HTML 3Page - Texas Instruments ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments ADS7882IPFBT Datasheet HTML 10Page - Texas Instruments ADS7882IPFBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO. PFB
8-BIT BUS
16-BIT BUS
DATA BUS
BYTE = 0
BYTE = 1
BYTE = 0
PWD/RST
38
I
Active low input, acts as device power down/device reset signal.
Byte select input. Used for 8-bit bus reading.
BYTE
39
I
0: No fold back
1: Lower byte D[3:0] is folded back to high byte so D3 is available in D11 place.
STATUS OUTPUT
BUSY
36
O
Status output. High when a conversion is in progress.
POWER SUPPLY
+VBD
24, 34
–
Digital power supply for all digital inputs and outputs. Refer to Table 3 for layout guidelines.
BDGND
25, 35
–
Digital ground for all digital inputs and outputs. Short to analog ground plane below the device.
4, 9, 10, 13,
+VA
–
Analog power supplies. Refer to Table 3 for layout guidelines.
43, 46
5, 8, 11, 12,
AGND
–
Analog ground pins. Short to analog ground plane below the device.
14, 15, 44, 45
ANALOG INPUT
+IN
6
I
Noninverting analog input channel
–IN
7
I
Inverting analog input channel
Reference (positive) input. Needs to be decoupled with REFM pin using 0.1-
µF bypass capacitor
REFIN
1
I
and 1-
µF storage capacitor.
Internal reference output. To be shorted to REFIN pin when internal reference is used. Do not
REFOUT
2
O
connect to REFIN pin when external reference is used. Always needs to be decoupled with
AGND using 0.1-
µF bypass capacitor.
REFM
47, 48
I
Reference ground. Connect to analog ground plane.
NC
–
No connection
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com