Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-EVOLUTION Datasheet(PDF) 5 Page - Coherent Corp

Part # COMPACT-EVOLUTION
Description  Industrial High Power Diode Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-EVOLUTION Datasheet(HTML) 5 Page - Coherent Corp

  COMPACT-EVOLUTION Datasheet HTML 1Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 2Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 3Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 4Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
B
C
D
E
F
A
1
2
3
4
5
6
7
8
1:5
000
09.05.2019 10:16:27
200 000 255 310
AA
SEA
GR
200 000 255 311 SED 000 AA
9931 00730
Maßblatt;EVO:3HE;QBH
dimension sheet;EVO:3HE;QBH
AA 500000038034
26.04.2019
GR
-
05.03.2018
SHa
Rev.
ECO
Date
Name
Orig.
Repl.
Scale
Description
Part No.
Drawing document No.
Model document No.
=
+
S.HASSINGER
Project
Mod. check.
Dwg. check.
Created
Name
Date
05.03.2018
Sheet
1 / 1
© 2018
483.0 mm 19.02 in.
465.0 mm 18.31 in.
0
38.0 mm 1.5 in.
94.5 mm 3.72 in.
132.5 mm 5.22 in.
for screw M6 (4x)
600.25
23.632 in.
Industriegehäuse 19"-3HE
Industrial Rack Mount 19"-3HU
Rack Industriel 19"-3UH
PTQ-Fiber
(other fibers have
different dimensions)
445.0 mm 17.52 in.
09.05.19
10:16:35
temporary
document
vorläufiges
Dokument
09.05.19
10:16:35
temporary
document
vorläufiges
Dokument
MECHANICAL SPECIFICATIONS
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
Coherent follows a policy of continuous product improvement. Specifications are
subject to change without notice. Coherent’s scientific and industrial lasers are certified
to comply with the Federal Regulations (21 CFR Subchapter J) as administered by the
Center for Devices and Radiological Health on all systems ordered for shipment after
August 2, 1976.
MC-006-19-0M0522Rev.A Copyright ©2022 Coherent, Inc.
Compact Evolution Series
Front View
Top View
Side View
Compact Evolution XL Series
Industrial High Power Diode Laser
Visible / invisible laser radiation.
Avoid eye or skin exposure to
direct or scattered radiation!
Class 4 Laser product
IEC 60825-1:2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com