Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-EVOLUTION Datasheet(PDF) 2 Page - Coherent Corp

Part # COMPACT-EVOLUTION
Description  Industrial High Power Diode Laser
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-EVOLUTION Datasheet(HTML) 2 Page - Coherent Corp

  COMPACT-EVOLUTION Datasheet HTML 1Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 2Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 3Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 4Page - Coherent Corp COMPACT-EVOLUTION Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Compact Evolution Series
Industrial High Power Diode Laser
SPECIFICATIONS
Compact Evolution 980
Nominal Power (W)
200
300
400
500
600
Power Range (%)
10 to 100
Laser Beam Quality (BPP) (mm * mrad)
22
Power Stability Over 24-hour; Cooling Water ΔT = ± 1 K (%)
±2
Pulse Frequency Range (Hz)
Laser On-Signal
Analog Modulation
1000
600
Wavelength (nm)
980
ELECTRICAL RATINGS
Voltage
200 to 240 (1P/N/PE)
Connected Load (kVA)
~0.4
~0.6
~0.8
~1.1
~1.3
Effective Power at Nominal Power (kW)
~0.5
~0.7
~0.9
~1.2
~1.4
Max. Current Consumption at 230 V (A)
~2.2
~3.0
~3.9
~5.2
~6.0
Fuses Type NH (A)
16
Residual Current Device1 (RCD)
All-current sensitive, short time delay, Type B
COOLING
Recommended Cooling Capacity (kW)
0.25
0.35
0.5
0.6
0.8
Cooling Water2 Pressure (Max. Value) (bar)
6
Cooling Water2 Temperature (°C)
22 ±1K
Cooling Water2 Flow Rate (Min. Value) (l/min.)
3
5
5
10
10
Pressure Drop (hPa)
2000
3500
3500
1000
1000
FIBER DELIVERY SYSTEM
Interface
QBH
Diameter (µm)
200
Numerical Aperture
0.22
Length (m)
≤20
Accessories (options)
Fixed Optics, Scanners, Process control via Pyrometer, Chiller
DIMENS IONS & WEIGHTS
Laser Dimension (L x W x H)
~626 x ~483 x ~133 mm (~24.65 x 19.02 x ~5.23 in.)
Laser Weight
<30 kg (66.14 lbs.)
ENVIRONMENTAL CONDITIONS
Ambient Temperature in Operation (°C)
18 to 40 °C (64 to 104 °F)
Storage Temperature (°C)
5 to 50 °C (41 to 122 °F)
CUSTOMER INTERFACE
Analog Power (V DC)
0 to 10 (600 Hz ma. Modulation frequency)
Digital Signals (V DC)
24
Interface for Control via PC
Ethernet
OPTIONS L ASER
Bus Interface (RS232, CanOpen, EtherCAT, RTI, …)
1 Optional.
2 Use water according to DIN ISO 3696.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com