Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-MINI Datasheet(PDF) 4 Page - Coherent Corp

Part # COMPACT-MINI
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-MINI Datasheet(HTML) 4 Page - Coherent Corp

  COMPACT-MINI Datasheet HTML 1Page - Coherent Corp COMPACT-MINI Datasheet HTML 2Page - Coherent Corp COMPACT-MINI Datasheet HTML 3Page - Coherent Corp COMPACT-MINI Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
144.0 mm (5.67 in.)
333.2 mm (13.12 in.)
100.0 mm
(3.94 in.)
122.8 mm
(4.84 in.)
168.5 mm
(6.63 in.)
150.5 mm
(5.93 in.)
51.5 mm
(2.03 in.)
290.2 mm (11.43 in.)
MECHANICAL SPECIFICATIONS
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
Compact Mini Series
Top View
Side View
Front View
Compact Mini Series
Industrial High Power Diode Laser
Visible / invisible laser radiation.
Avoid eye or skin exposure to
direct or scattered radiation!
Class 4 Laser product
IEC 60825-1:2014
Coherent follows a policy of continuous product improvement. Specifications are
subject to change without notice. Coherent’s scientific and industrial lasers are certified
to comply with the Federal Regulations (21 CFR Subchapter J) as administered by the
Center for Devices and Radiological Health on all systems ordered for shipment after
August 2, 1976.
MC-025-19-0M0222Rev.A Copyright ©2022 Coherent, Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com