Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COMPACT-MINI Datasheet(PDF) 2 Page - Coherent Corp

Part # COMPACT-MINI
Description  Industrial High Power Diode Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

COMPACT-MINI Datasheet(HTML) 2 Page - Coherent Corp

  COMPACT-MINI Datasheet HTML 1Page - Coherent Corp COMPACT-MINI Datasheet HTML 2Page - Coherent Corp COMPACT-MINI Datasheet HTML 3Page - Coherent Corp COMPACT-MINI Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Compact Mini Series
Industrial High Power Diode Laser
SPECIFICATIONS
Compact Mini
Nominal Power (W)
30
40
50
37
40
30
Power Range (%)
10 to 100
Laser Beam Quality (BPP) (mm * mrad)
11
22
44
22
44
44
Power Stability Over 24-hour;
Cooling Water ΔT = ±1 K (%)
-
-
-
-
-
±2
Pulse Frequency Range (Hz)
Laser On-Signal
Analog Modulation
100
100
750
Wavelength (nm)
980
980
980
808
808
1064
ELECTRICAL RATINGS
Voltage
100 to 240 (1P/N/PE)
Connected Load (kVA)
~0.35
Effective Power at Nominal Power (kW)
≤0.31
≤0.15
Max. Current Consumption at 230 V (A)
≤3.7
Fuses Type NH (A)
16
FIBER DELIVERY SYSTEM
Interface
SMA1
SMA
SMA1
Diameter (µm)
100
200
400
200
800
400
Numerical Aperture
0.22
Length2 (m)
≤20
Accessories (options)
Fixed Optics
DIMENSIONS & WEIGHTS
Laser Dimension (L x W x H)
336 x 144 x 169 mm (13.23 x 5.67 x 6.65 in.)
Laser Weight
5 kg (11.02 lbs.)
ENVIRONMENTAL CONDITIONS
Ambient Temperature in Operation (°C)
18 to 35 °C (64 to 95 °F)
Storage Temperature (°C)
5 to 50 °C (41 to 122 °F)
CUSTOMER INTERFACE
Analog Power (V DC)
0 to 10
Digital Signals (V DC)
24
1 Non-detachable fiber.
2 Fiber is not included.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com