Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAP-20V-1-R Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # XAP-20V-1-R
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAP-20V-1-R Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  XAP-20V-1-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 3Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 4Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 5Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuits
Model No.
Dimensions (mm)
AB
Material and Finish
Without a boss
With a boss
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
20
B02B-XASK-1
B03B-XASK-1
B04B-XASK-1
B05B-XASK-1
B06B-XASK-1
B07B-XASK-1
B08B-XASK-1
B09B-XASK-1
B10B-XASK-1
B11B-XASK-1
B12B-XASK-1
B13B-XASK-1
B14B-XASK-1
B15B-XASK-1
B20B-XASK-1
B02B-XASK-1-A
B03B-XASK-1-A
B04B-XASK-1-A
B05B-XASK-1-A
B06B-XASK-1-A
B07B-XASK-1-A
B08B-XASK-1-A
B09B-XASK-1-A
B10B-XASK-1-A
B11B-XASK-1-A
B12B-XASK-1-A
B13B-XASK-1-A
B14B-XASK-1-A
B15B-XASK-1-A
B20B-XASK-1-A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
47.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
52.5
1,000
400
400
400
400
250
250
250
250
200
200
100
100
100
100
Top entry type
A
0.6
φ
2.5
B
φ1
1.6
3.2
6.4
1.6
Circuit No.1
H JST
B
12.6
A
9.2
1.8
φ0.6
2.5
2.7
Circuit No.1
Circuit
No.1 Mark
B
A
6.4
3.2
φ0.6
2.5
Circuit No.1
XA CONNECTOR
Circuits
Model No.
AB
D
Material and Finish
Side entry type with a hook
S02B-XASS-1
S03B-XASK-1
S04B-XASK-1
S05B-XASK-1
S06B-XASK-1
S07B-XASK-1
S08B-XASK-1
S09B-XASK-1
S10B-XASK-1
S11B-XASK-1
S12B-XASK-1
S13B-XASK-1
S14B-XASK-1
Q'ty / box
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (ivory)
2
3
4
5
6
7
8
9
10
11
12
13
14
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
Dimensions (mm)
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
250
250
200
200
200
200
100
100
100
100
100
100
100
2.5
7.8
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Circuits
Model No.
Q’ty / bag
2
3
4
5
6
7
8
9
10
11
12
13
14
15
XMS-02V
XMS-03V
XMS-04V
XMS-05V
XMS-06V
XMS-07V
XMS-08V
XMS-09V
XMS-10V
XMS-11V
XMS-12V
XMS-13V
XMS-14V
XMS-15V
A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Retainer
RoHS compliance
Through-hole type shrouded header
Top entry type
without a boss
Top entry type
with a boss
Side entry type
with a hook
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for gold-plated products.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. Dimension D…See PC board layout.
2. Contact JST for gold-plated products.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
S02B-XASK-1-
S…natural (ivory)
K…black R…red E…blue M…green Y…yellow
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com