Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAP-20V-1-R Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # XAP-20V-1-R
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XAP-20V-1-R Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  XAP-20V-1-R Datasheet HTML 1Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 2Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 3Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 4Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 5Page - JST Mfg. Co., Ltd. XAP-20V-1-R Datasheet HTML 6Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Radial Tape
Emboss Tape
XA CONNECTOR
2.5mm pitch/Disconnectable Crimp style connectors
0.05
D
2.5 min
2.8
φ0.9
+0.1
 0
(15.1)
2.7
9.2
±
0.05
±
2.5 0.05
±
φ0.9
(6.9)
2.5
±0.05
+0.1
 0
φ0.9
φ1.2
±0.05
+0.1
 0
2.5
±0.05
1.6
+0.1
 0
±
0.1
1.3
±
0.1
1.2
±
0.03
2.5
±
0.05
2.3
±
0.05
A
(1.4)
(8)
(1)
• Secure locking device
• Solder crack preventive material
• Low insertion force
• Insertion guide mechanism
• Applicable to automatic board mounting
machine
• Polarizing boss
Specifications –––––––––––––––––––
• Current rating: 3 A AC DC (AWG #22, #20)
• Voltage rating: 250 V AC DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10 mΩ max.
After environmental tests/ 20 mΩ max.
• Insulation resistance: 1,000 MΩ min.
• Withstanding voltage: 1,000 VAC/minute
• Applicable wire: AWG #28 to #20
• Applicable PC board thickness: 1.6 mm
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
* Compliant with RoHS.
Standards–––––––––––––––––––––––
0 Recognized E 60389
1CertifiedLR20812
2R9851220
Side entry type
Top entry type
Top entry type
with a boss
without a boss
Dimension D: Refer to the Model No. chart of header side entry type.
〈Through-hole type〉
〈SMT type〉
Note: 1. The above figure is the figure viewed from the connector mounting side .
2. Tolerances are non-cumulative: ±0.05mm for all centers.
3. Hole dimensions differ according to the type of PC board and piercing method.
The dimensions above should serve as a guideline. Contact JST for details.
1


Similar Part No. - XAP-20V-1-R

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XAP-02V-1 JST-XAP-02V-1 Datasheet
153Kb / 3P
XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAP-03V-1 JST-XAP-03V-1 Datasheet
153Kb / 3P
XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAP-04V-1 JST-XAP-04V-1 Datasheet
153Kb / 3P
XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAP-05V-1 JST-XAP-05V-1 Datasheet
153Kb / 3P
XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XAP-06V-1 JST-XAP-06V-1 Datasheet
153Kb / 3P
XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Similar Description - XAP-20V-1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
2.5mm pitch/Disconnectable Crimp style connectors
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com