Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH-CONNECTOR Datasheet (PDF) - JST Mfg. Co., Ltd.

XH-CONNECTOR Datasheet PDF - JST Mfg. Co., Ltd.
Part # XH-CONNECTOR
Download  XH-CONNECTOR Download
File Size   271.68 Kbytes
Page   5 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 2.5mm pitch/Disconnectable Crimp style connectors

XH-CONNECTOR Datasheet (PDF)

Go To PDF Page Download Datasheet
XH-CONNECTOR Datasheet PDF - JST Mfg. Co., Ltd.

Part # XH-CONNECTOR
Download  XH-CONNECTOR Click to download

File Size   271.68 Kbytes
Page   5 Pages
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.
Description 2.5mm pitch/Disconnectable Crimp style connectors

XH-CONNECTOR Datasheet (HTML) - JST Mfg. Co., Ltd.


XH-CONNECTOR Product details

• Current rating: 3A AC, DC (AWG #22)
• Voltage rating: 250V AC, DC
• Temperature range: -25°C to +85°C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m Ω max.
After environmental testing/20m Ω max.
• Insulation resistance: 1,000M Ω min.
• Withstanding voltage: 1,000V AC/minute
• Applicable wire: AWG #30 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.




Similar Part No. - XH-CONNECTOR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
XLamp XH-B LED
Rev 3F
XH-G CREE-XH-G Datasheet
1Mb / 12P
XLamp XH-G LED
Rev 4E
logo
AG Electronica
XH-T AGELECTRONICA-XH-T Datasheet
316Kb / 2P
PIN PARA CONECTOR HX-4Y
20/01/2020
More results


Similar Description - XH-CONNECTOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
2.5mm pitch/Disconnectable Crimp style connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com