Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH-CONNECTOR Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # XH-CONNECTOR
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XH-CONNECTOR Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  XH-CONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RoHS compliance
Note:
1. XHP-2(10.0)-U is 2 circuits 10.0mm pitch plugged up.
Not UL/CSA/TU
¨ V approved.
2. XHP-6(5.0)-U is 6 circuits 5.0mm pitch plugged up.
Not UL/CSA/TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
XHP-1-oo-
(blank)…natural (white)
BK…black R…red E…blue Y…yellow L…lemon yellow
M…green D…orange N…brown FY…vivid yellow
<Plugged up type>
ex.
XHP-2(10.0)-U-oo-
(blank)…natural (white)
R…red E…blue
39
XH CONNECTOR
1.8
1.6
6.5
4.1
5.7
2.5
A
B
C
Circuit No.1 mark
Material and Finish
Model No.
Applicable Wire
Q'ty /
reel
mm2
AWG#
Insulation O.D
(mm)
Phosphor bronze, tin-plated
SXH-001T-P0.6N
SXH-001T-P0.6
SXH-002T-P0.6
0.13∼0.33
0.08∼0.33
0.05∼0.13
26∼22
28∼22
30∼26
1.3∼1.9
0.9∼1.9
0.9∼1.3
5,000
8,000
Shape
A
B
RoHS compliance
Note:
1. Contact JST if you require gold-plated contacts or contacts made of brass.
2. Contact JST also if you require shielded wires, thin wires or other
special wires.
3. SXH-001T-P0.6N is low-insertion force type contact, for easier insertion/
withdrawal, which would be less resistant to the vibration.
6.5
2.0
●Shape A
●Shape B
Circuits
Model No.
Dimensions (mm)
Q'ty / bag
AC
Material
PA 6, UL94V-0, natural (white)
B
1
2
2
3
4
5
6
6
7
8
9
10
11
12
13
14
15
16
20
XHP-1
XHP-2
XHP-2(10.0)-U
 
XHP-3
XHP-4
XHP-5
XHP-6
XHP-6(5.0)-U
XHP-7
XHP-8
XHP-9
XHP-10
XHP-11
XHP-12
XHP-13
XHP-14
XHP-15
XHP-16
XHP-20
―
2.5
10.0
5.0
7.5
10.0
12.5
25.0
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
47.5
3.2
5.7
13.2
8.2
10.7
13.2
15.7
28.2
18.2
20.7
23.2
25.7
28.2
30.7
33.2
35.7
38.2
40.7
50.7
4.8
7.3
14.8
9.8
12.3
14.8
17.3
29.8
19.8
22.3
24.8
27.3
29.8
32.3
34.8
37.3
39.8
42.3
52.3
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SXH-001T-P0.6N
AP-K2N
MKS-LS・MKS-L
*MKS-SC
MK/SXH-001-06N
SC/SXH-001-06N
SXH-001T-P0.6
MKS-LS・MKS-L
*MKS-SC
MK/SXH-001-06
SC/SXH-001-06
APLMK SXH001-06N
APLSC SXH001-06N
APLMK SXH001-06
APLSC SXH001-06
Note: *Strip-crimp applicator
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SXH-002T-P0.6
AP-K2N
MKS-LS・MKS-L
*MKS-SC
MK/SXH-002-06
SC/SXH-002-06
APLMK SXH002-06
APLSC SXH002-06
4.1
5.7
Circuit No.1 mark
A
B
C
4.1
5.7
Circuit No.1 mark
A
B
C
●Plugged up
(6 circuits 5.0mm pitch)
(2 circuits 10.0mm pitch)
Contact
Crimping
machine
Crimping
machine
Housing
1.95



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com