Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XH-CONNECTOR Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # XH-CONNECTOR
Description  2.5mm pitch/Disconnectable Crimp style connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

XH-CONNECTOR Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  XH-CONNECTOR Datasheet HTML 1Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 2Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 3Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 4Page - JST Mfg. Co., Ltd. XH-CONNECTOR Datasheet HTML 5Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
38
5
JST
The XH connector was developed based
on the high reliability and versatility of our
NH series connectors. The connector is very
small with a mounting height of 9.8mm.
Specifications –––––––––––––––––––
• Current rating:
3A AC, DC (AWG #22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
1,000V AC/minute
• Applicable wire: AWG #30 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2J50014297
XH CONNECTOR
2.5mm pitch/Disconnectable Crimp style connectors
Radial Tape
Emboss Tape
2.5
±0.05(2.5min)
5.75
:φ1.0
±0.05
+0.1
 0
3 to 20 circuits
:φ0.9
2 circuits
2.5
±0.05(2.5min)
φ0.9
+0.1
 0
14.3
11.5
Top entry type
Side entry type
2.5
±0.05
2.5min
1.60
±0.05
5.75
+0.2
 0
±0.05
2 circuits
:φ1.0
3 to 20 circuits
:φ0.9
+0.1
 0
φ1.1
φ0.9
+0.1
 0
φ1.7
+0.1
 0
Top entry type with a boss
1.8
2.3
2.5
1.3
End face of wafer
on the mating side
〈Through-hole type (viewed from soldening side)〉
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
• Original folded beam contact
• Box-shaped shrouded header
• Header with a boss
• Interchangeability
• Conforming to the HA terminal
(1 circuit)
(2 circuits or more)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions
should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Side entry type
PC board layout and Assembly layout
〈SMT type (viewed from component side)〉


Similar Part No. - XH-CONNECTOR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XH-B CREE-XH-B Datasheet
1Mb / 11P
XLamp XH-B LED
Rev 3F
XH-G CREE-XH-G Datasheet
1Mb / 12P
XLamp XH-G LED
Rev 4E
logo
AG Electronica
XH-T AGELECTRONICA-XH-T Datasheet
316Kb / 2P
PIN PARA CONECTOR HX-4Y
20/01/2020
More results

Similar Description - XH-CONNECTOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
2.5mm pitch/Disconnectable Crimp style connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
2.5mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com