Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B20DR10FTDG Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # TLRP2B20DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2B20DR10FTDG Datasheet(HTML) 2 Page - TE Connectivity Ltd

  TLRP2B20DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Construction and Dimensions
Type
Size
L
mm
W
mm
T
mm
D
mm
TLRP2B
1206
3.15±0.10
1.45±0.10
0.55±0.10
0.55±0.15
TLRP2H
2010
5.00±0.10
2.40±0.15
0.60±0.10
0.80±0.20
TLRP3A
2512
6.40±0.25
3.20±0.25
0.70±0.20
0.90±0.30
Marking
Resistance (4 Digit)
Resistance
3m
Ω
10m
Ω
22m
Ω
100m
Ω
Codes
R003
R010
R022
R100
Solder Profile (Reflow)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com