Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRP2B20DR10FTDG Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # TLRP2B20DR10FTDG
Description  SMD Low Ohmic - Current Sense Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLRP2B20DR10FTDG Datasheet(HTML) 5 Page - TE Connectivity Ltd

  TLRP2B20DR10FTDG Datasheet HTML 1Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 2Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 3Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 4Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 5Page - TE Connectivity Ltd TLRP2B20DR10FTDG Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMD Low Ohmic
– Current Sense Resistors
1773449-4 Rev. B 05/2021
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Recommended Land Pattern
Size
A
(mm)
B
(mm)
C
(mm)
1206
1.50
1.40
1.70
2010
3.60
1.40
2.50±0.2
2512
4.00
2.00
3.50
*FR4 copper board, 100µm of copperpad thickness
Packaging
Reel Specifications & Packaging Quantity
Size
Resistance
Ω
Tape / Qty
Tape
width
Reel
Dia.
ØA
(mm)
±1.5
ØB
(mm)
ØC
(mm
)
W
(mm)
T
(mm
)
1206
3~40
Paper / 5K
8mm
7
inch
178.5
¹ ⁰
13.0
±0.2
9.0±0.5
12.5
±0.5
2010
10~100
Embossed
/ 4K
12mm
¹ ⁰
13.0
±0.5
13.0
±0.5
15.5
±0.5
2512
4~200
Embossed
/ 4K
12mm
60±1.0
13.0
±0.5
13.0±1.
0
15.5
±0.5
2512
3
Embossed
/ 2K
12mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com