Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16020105 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 16020105
Description  Hand Crimp Tool for SL Crimp Terminals, 30-24 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

16020105 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  16020105 Datasheet HTML 1Page - Molex Electronics Ltd. 16020105 Datasheet HTML 2Page - Molex Electronics Ltd. 16020105 Datasheet HTML 3Page - Molex Electronics Ltd. 16020105 Datasheet HTML 4Page - Molex Electronics Ltd. 16020105 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number : 2002187000
Product Description : Hand Crimp Tool for SL Crimp
Terminals, 30-24 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
2002187000-000.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant
Low-Halogen Status
Not Relevant
REACH SVHC
Not Contained per D(2023)3788-DC
(14 Jun 2023)
EU RoHS
Compliant per EU 2015/863
Compliance Statements
EU RoHS
REACH SVHC
Low-Halogen
Industry Documents
IPC 1752A Class C
IPC 1752A Class D
Molex Product Compliance Declaration
IEC-62474
chemSHERPA (xml)
Substances of Interest
PFAS


Similar Part No. - 16020105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
16020105 MOLEX-16020105 Datasheet
99Kb / 9P
Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
Jun 24, 2025
16020105 MOLEX-16020105 Datasheet
51Kb / 3P
Hand Insertion Tool
Jun 24, 2025
More results

Similar Description - 16020105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638258800 MOLEX11-0638258800 Datasheet
31Kb / 1P
Hand Crimp Tool For SL Crimp Terminals
63811-8700 MOLEX-63811-8700 Datasheet
568Kb / 8P
Hand Crimp Tool for SL Crimp Terminals
11-09-17
63811-8800 MOLEX-63811-8800 Datasheet
507Kb / 8P
Hand Crimp Tool for SL??Crimp Terminals
11-14-08
ATS-638258800 MOLEX-ATS-638258800 Datasheet
427Kb / 8P
Hand Crimp Tool For SL??Crimp Terminals
09-09-13
200218-7000 MOLEX-200218-7000 Datasheet
1Mb / 9P
Hand Crimp Tool for SL Crimp Terminals
11-04-21
2002184200 MOLEX-2002184200 Datasheet
31Kb / 1P
Hand Crimp Tool for Board-In Crimp Terminals, 22-24 AWG
11/02/2021
ATS-638118700 MOLEX-ATS-638118700 Datasheet
568Kb / 8P
Hand Crimp Tool for SL Crimp Terminals
11-09-17
0638118700 MOLEX-0638118700 Datasheet
46Kb / 3P
PremiumGrade Hand Crimp Tool for SL Crimp Terminals, 22-24 AWG and 32-36 AWG
08/26/2022
2002182700 MOLEX-2002182700 Datasheet
21Kb / 2P
Hand Crimp Tool for Milli-Grid Male Crimp Terminals, 24-30 AWG Wires
08/25/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com