Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16020105 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 16020105
Description  Hand Crimp Tool for SL Crimp Terminals, 30-24 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

16020105 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  16020105 Datasheet HTML 1Page - Molex Electronics Ltd. 16020105 Datasheet HTML 2Page - Molex Electronics Ltd. 16020105 Datasheet HTML 3Page - Molex Electronics Ltd. 16020105 Datasheet HTML 4Page - Molex Electronics Ltd. 16020105 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Bag
SL Crimp Terminal, Series 70021,
Male, with 0.76µm Selective Gold
(Au) Plated Contact, 30-24 AWG,
Bag
16020110
SL Crimp Terminal, Series 70021,
Male, with 0.76µm Selective Gold
(Au) Plated Contact, 24-22 AWG,
Bag
16020117
SL Crimp Terminal, Series 71851,
Female, with 0.38µm Selective
Gold (Au) Plated Contact, 30-24
AWG, Reel
16020119
SL Crimp Terminal, Series 71851,
Female, with 0.38µm Selective
Gold (Au) Plated Contact, 30-24
AWG, Bag
16021109
SL Crimp Terminal, Series 71851,
Female, with Tin (Sn) Plated
Contact, 30-24 AWG, Reel
16021112
SL Crimp Terminal, Series 71851,
Female, with Tin (Sn) Plated
Contact, 30-24 AWG, Bag
16021116
SL Crimp Terminal, Female, 30-24
AWG, with 0.38µm Selective Gold
(Au) Plated Contact, Reel
700580082
SL Crimp Terminal, Female, 30-24
AWG, with 0.76µm Selective Gold
(Au) Plated Contact, Reel
700580083
SL Crimp Terminal, Female, 30-24
AWG, with 0.38µm Selective Gold
(Au) Plated Contact, Bag
700580097
SL Crimp Terminal, Female, 30-24
AWG, with 1.27µm Selective Gold
(Au) Plated Contact, Reel
700580139
SL Crimp Terminal, Female, 30-24
AWG, with 1.27µm Selective Gold
(Au) Plated Contact, Bag
700580140
SL Crimp Terminal, Female, 30-24
AWG, with Tin (Sn) Plated Contact,
Reel
700581069



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com