Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTO30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LTO30
Description  30 Watt Power Resistor Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO30 Datasheet(HTML) 2 Page - Vishay Siliconix

  LTO30 Datasheet HTML 1Page - Vishay Siliconix LTO30 Datasheet HTML 2Page - Vishay Siliconix LTO30 Datasheet HTML 3Page - Vishay Siliconix LTO30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical questions, contact sfer@vishay.com
www.vishay.com
15
LTO 30
Vishay Sfernice
Document Number: 50049
Revision 30-May-06
TESTS
CONDITIONS
TYPICAL DRIFTS
Momentary Overload
EN 60115-1
± (0.5 % + 0.005
Ω)
1.5 Pr/5 s
Us < 1.5 UL
EN 60115-1
Rapid Temperature Change
IERC 60068-2-14 Tests Na
5 cycles
± (0.5 % + 0.005
Ω)
- 55 °C to + 155 °C
Load Life
EN 60115-1
± (1 % + 0.005
Ω)
1000 h Pr at + 25 °C
Humidity (Steady State)
MIL STD 202
± (0.5 % + 0.005
Ω)
Method 103 B Cond. D
Vibration
MIL STD 202
± (0.2 % + 0.005
Ω)
Method 204 Cond. D
Terminal Strength
MIL STD 202
± (0.2 % + 0.005
Ω)
Method 211 Cond. A1
Shock
100G, MIL STD 202
± (0.5 % + 0.005
Ω)
Method 213 Cond. I
PERFORMANCE
30 Watt Power Resistor Thick Film Technology
Resistance Values
≥ 0.010
≥ 0.015
≥ 0.1
≥ 0.5
Tolerances
± 1 % at ± 10 %
± 900 ppm/°C
± 700 ppm/°C
± 250 ppm/°C
± 150 ppm/°C
SPECIAL FEATURES
Typical Temperature
Coefficient
(- 55 °C/+ 155 °C)
P:
expressed in W
ΔT: difference between maximum working temperature and room temperature.
RTH: (j-c): thermal resistance value measured between resistive layer and outer side of the resistor. It is the thermal
resistance of the component.
RTH: (c-a): thermal resistance value measured between outer side of the resistor and room temperature. It is the
thermal resistance of the heatsink itself (type, shape), the quality of the fastening device, and the thermal resistance of the
thermal compound.
Example:
RTH: (c-a) for LTO30 power rating 10 W at ambient temperature + 30 °C.
Thermal resistance RTH (j-c): 4.2 °C/W
Considering equation (1) we have:
ΔT = 155 °C - 30 °C = 125 °C
RTH (j-c) + RTH (c-a) =
=
= 12.5 °C/W
RTH (c-a) = 12.5 °C/W - 4.2 °C/W = 8.3 °C/W
with a thermal grease RTH (c - h) = 1 °C/W, we need a heat sink with RTH (h - a) = 7.3 °C/W
CHOICE OF THE HEATSINK
The user must choose according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 155 °C. The dissipated power is simply calculated by the following ratio:
P =
ΔT
[RTH (j-c) + RTH (c-a)]
ΔT
P
125
10
(1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com